Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SMLJ11A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 50SMLJ11A
Description  Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

50SMLJ11A Datasheet(HTML) 1 Page - Micro Commercial Components

  50SMLJ11A_09 Datasheet HTML 1Page - Micro Commercial Components 50SMLJ11A_09 Datasheet HTML 2Page - Micro Commercial Components 50SMLJ11A_09 Datasheet HTML 3Page - Micro Commercial Components 50SMLJ11A_09 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Mechanical Data
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end( cathode) except
Bi-directional types.
Standard packaging: 16mm tape per ( EIA 481).
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us
waveform(Note1)
IPPM See page 2,3 Amps
Peak Pulse Power
Disspation on 10/1000us
waveform(Note2,3)
PPPM
Minimum
5000
Watts
Peak forward surge
current (JEDEC
Method) (Note 3,4)
IFSM)
300.0
Amps
Operation And Storage
Temperature Range
TJ,
TSTG
-55
oC to
+150
oC
2.
Non-repetitive current pulse and derated above TA=25
oC
3.
Mounted on 8.0mm
2 copper pads to each terminal.
4.
8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
5.0SMLJ11A
THRU
5.0SMLJ170A
Transient
Voltage Suppressor
11 to 170 Volts
5000 Watt
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.115
.121
2.92
3.07
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
0.060”
0.280"
0.121”
SUGGESTED SOLDER
PAD LAYOUT
G
H
E
D
F
A
B
C
DO-214AB
(SMCJ) (LEAD FRAME)
For surface mount application in order to optimize board space
Low profile package
Glass passivated junction
Excellent clamping capability
Repetition Rate( duty cycle): 0.01%
Fast response time: typical less than 1ps from 0V to BV min
Typical ID less than 1uA above 10V
High temperature soldering: 260
oC/10 seconds at terminals
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
4
200
9/07/12
UL Recognized File # E331408
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL rating 1
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note: 1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Low Inductance
Built in strain relief


Similar Part No. - 50SMLJ11A_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
50SMCJ100A PANJIT-50SMCJ100A Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
50SMCJ110A PANJIT-50SMCJ110A Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
50SMCJ120A PANJIT-50SMCJ120A Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
50SMCJ130A PANJIT-50SMCJ130A Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
50SMCJ150A PANJIT-50SMCJ150A Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
More results

Similar Description - 50SMLJ11A_09

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5.0SMLJ24A-TP MCC-5.0SMLJ24A-TP Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A Datasheet
83Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_11 Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_13 Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ11A MCC-5.0SMLJ11A_15 Datasheet
314Kb / 5P
   Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com