Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V0D7 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESD5V0D7
Description  3.3V~12Volts ESD Protection Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD5V0D7 Datasheet(HTML) 2 Page - Micro Commercial Components

  ESD5V0D7 Datasheet HTML 1Page - Micro Commercial Components ESD5V0D7 Datasheet HTML 2Page - Micro Commercial Components ESD5V0D7 Datasheet HTML 3Page - Micro Commercial Components ESD5V0D7 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Max. Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM (V)
I
R (μA)
@ V
RWM
V
BR (V) @
I
T(Note 2)
I
T
I
PP(A)
+
V
C (V) @Max IPP
+
P
pk
+ (W)
C (pF)
Device
Device
Marking
Max
Max
Min
mA
Max
Max
Max
Typ
ESD3V3D7
E0
3.3
2.5
5.0
1.0
10.4
11.9
113
80
ESD5V0D7
E2
5.0
1.0
6.2
1.0
8.8
13.3
117
65
ESD12VD7
E3
12
1.0
13.5
1.0
5.4
23.7
128
30
+Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
TYPICAL CHARACTERISTICS
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of
4
Revision: 3
2010/01/29


Similar Part No. - ESD5V0D7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
ESD5V0D3 MCC-ESD5V0D3 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
Shanghai Yint Electroni...
ESD5V0D3 YINT-ESD5V0D3 Datasheet
502Kb / 3P
   ESD Protection Diode
logo
Micro Commercial Compon...
ESD5V0D3-TP MCC-ESD5V0D3-TP Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
More results

Similar Description - ESD5V0D7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com