Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V0D3-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD5V0D3-TP
Description  5V~12Volts ESD Protection Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD5V0D3-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD5V0D3-TP Datasheet HTML 1Page - Micro Commercial Components ESD5V0D3-TP Datasheet HTML 2Page - Micro Commercial Components ESD5V0D3-TP Datasheet HTML 3Page - Micro Commercial Components ESD5V0D3-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
ESD5V0D3
Thru
ESD12VD3
5V~12Volts
ESD Protection
SOD323
Features
For sensitive ESD protection
Excellent clamping capability
Low leakage
ESD rating of class 3(>16KV)per Human Body Mode
For space saving application
Fast response ,response time less than 1ns.
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
Maximum Ratings
Operating Junction &StorageTemperature: -55
°C to +150°C
Maximum Thermal Resistance: 625
°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f8
KV
ESD Voltage per human body mode
30
KV
Power Dissipation
Pd
200
mw
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
D
H
G
J
Devices
Revision: 2
2008/02/10


Similar Part No. - ESD5V0D3-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0D3 MCC-ESD5V0D3 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
Shanghai Yint Electroni...
ESD5V0D3 YINT-ESD5V0D3 Datasheet
502Kb / 3P
   ESD Protection Diode
ESD5V0D3B YINT-ESD5V0D3B Datasheet
504Kb / 3P
   ESD Protection Diode
logo
TECH PUBLIC Electronics...
ESD5V0D3B TECHPUBLIC-ESD5V0D3B Datasheet
1,014Kb / 4P
   1-Line Bl-directional TVS Diode
More results

Similar Description - ESD5V0D3-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
logo
Micro Commercial Compon...
ESDLC3V3D3-TP MCC-ESDLC3V3D3-TP Datasheet
228Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3B MCC-ESDLC3V3D3B Datasheet
192Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3 MCC-ESDLC3V3D3 Datasheet
201Kb / 3P
   3.3V-12Volts ESD Protection Device
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
ESDLC3V3D3B MCC-ESDLC3V3D3B_13 Datasheet
223Kb / 3P
   3.3V-12Volts ESD Protection Device Low clamping voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com