Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C167SW Datasheet(PDF) 5 Page - Microchip Technology

Part # RE46C167SW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167SW Datasheet(HTML) 5 Page - Microchip Technology

  RE46C167SW Datasheet HTML 1Page - Microchip Technology RE46C167SW Datasheet HTML 2Page - Microchip Technology RE46C167SW Datasheet HTML 3Page - Microchip Technology RE46C167SW Datasheet HTML 4Page - Microchip Technology RE46C167SW Datasheet HTML 5Page - Microchip Technology RE46C167SW Datasheet HTML 6Page - Microchip Technology RE46C167SW Datasheet HTML 7Page - Microchip Technology RE46C167SW Datasheet HTML 8Page - Microchip Technology RE46C167SW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 5
RE46C165/6/7/8
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...........................................................................12.5V
Input Voltage Range Except FEED, I/O .. VIN = -.3V to VDD +.3V
FEED Input Voltage Range ............... VINFD =-10 to +22V
I/O Input Voltage Range .......................... VIO1= -.3 to 15V
Input Current except FEED, TEST, VSEN ...... IIN = 10 mA
Input Current for FEED, VSEN....................... IIN = 500 µA
Operating Temperature ..........................TA = -25 to +75°C
Storage Temperature.......................TSTG = -55 to +125°C
Maximum Junction Temperature ................... TJ = +150°C
† Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operation listings of this specification is not
implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to +75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
56
12
V
Operating
Supply Current
IDD1
5—
4
6
µA
COSC = VSS, LED off
IDD2
5—
5.5
8
µA
COSC = VSS, LED off,
VDD = 12V
IDD3
5—
2
mA
COSC = VSS,
STROBE on IRED off
IDD4
5—
3
mA
COSC = VSS,
STROBE on, IRED on,
Note 1
Input Voltage High
VIH1
10
6.2
4.5
V
FEED
VIH2
7
3.2
V
No local alarm,
I/O as an input
VIH3
15
1.6
V
VSEN
VIH4
16
8.5
V
TEST
Input Voltage Low
VIL1
10
4.5
2.7
V
FEED
VIL2
7
1.5
V
No local alarm,
I/O as an input
VIL3
15
0.5
V
VSEN
VIL4
16
7
V
TEST
Input Leakage Low
IIL1
1, 2, 3
-100
nA
VDD = 12V, COSC = 12V,
STROBE active
IIL2
12, 10
-100
nA
VDD = 12V, VIN = VSS
IIL3
15, 16
-1
µA
VDD = 12V, VIN = VSS
ILFD
10
-50
µA
FEED = -10V
Note 1:
Does not include Q3 emitter current.
2:
Not production tested.
3:
Production test at room temperature with guard banded limits.


Similar Part No. - RE46C167SW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C167 MICROCHIP-RE46C167 Datasheet
563Kb / 30P
   Alarm Memory
07/14/15
More results

Similar Description - RE46C167SW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
   CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com