Electronic Components Datasheet Search |
|
EM357 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
EM357 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 240 page EM351 / EM357 1-5 120-035X-000D Preliminary Pin # Signal Direction Description SC2SCLK O SPI master clock of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[7] Enable master with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[11:8] SC2SCLK I SPI slave clock of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE PA3 I/O Digital I/O SC2nSSEL I SPI slave select of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE TRACECLK (see also Pin 36) O Synchronous CPU trace clock Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[5] Enable trace interface in ARM core Select alternate output function with GPIO_PACFGL[15:12] TIM2C2 (see also Pin 31) O Timer 2 channel 2 output Disable remap with TIM2_OR[5] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[15:12] 25 TIM2C2 (see also Pin 31) I Timer 2 channel 2 input Disable remap with TIM2_OR[5] PA4 I/O Digital I/O ADC4 Analog ADC Input 4 Select analog function with GPIO_PACFGH[3:0] PTI_EN O Frame signal of Packet Trace Interface (PTI) Disable trace interface in ARM core Enable PTI in Ember software Select alternate output function with GPIO_PACFGH[3:0] 26 TRACEDATA2 O Synchronous CPU trace data bit 2 Select 4-wire synchronous trace interface in ARM core Enable trace interface in ARM core Select alternate output function with GPIO_PACFGH[3:0] PA5 I/O Digital I/O ADC5 Analog ADC Input 5 Select analog function with GPIO_PACFGH[7:4] PTI_DATA O Data signal of Packet Trace Interface (PTI) Disable trace interface in ARM core Enable PTI in Ember software Select alternate output function with GPIO_PACFGH[7:4] 27 nBOOTMODE I Embedded serial bootloader activation out of reset Signal is active during and immediately after a reset on nRESET. See Section 6.2, Resets, in Chapter 6, System Modules for details. |
Similar Part No. - EM357 |
|
Similar Description - EM357 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |