Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2000 Datasheet(PDF) 5 Page - Microchip Technology

Part # ICE2000
Description  Processor Module and Device Adapter Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICE2000 Datasheet(HTML) 5 Page - Microchip Technology

  ICE2000 Datasheet HTML 1Page - Microchip Technology ICE2000 Datasheet HTML 2Page - Microchip Technology ICE2000 Datasheet HTML 3Page - Microchip Technology ICE2000 Datasheet HTML 4Page - Microchip Technology ICE2000 Datasheet HTML 5Page - Microchip Technology ICE2000 Datasheet HTML 6Page - Microchip Technology ICE2000 Datasheet HTML 7Page - Microchip Technology ICE2000 Datasheet HTML 8Page - Microchip Technology ICE2000 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 5
Processor Module and Device Adapter Specification
5.1
DVA12XP080
5.2
DVA12XP081
This device adapter is intended for use with PIC12C50X
8-pin DIP devices. It has four mechanical switches that
allow target pins GP2 to GP5 to be routed to the emulator
silicon on the PCM16XA0 processor module or the
oscillator chip on the device adapter, as shown in Table 5-1.
In addition, a 24C00 EEPROM (U1) is connected to
RA0 and RA1 of the emulator silicon to support the
EEPROM capabilities of the PIC12CE51X family devices.
For information on how to use EEPROM memory, see the
MPLAB IDE on-line device-specific limitations for the
PCM16XA0 (PIC12CE518/519) devices by selecting
Debugger>Settings, clicking the Limitations tab, and then
clicking the Details button.
TABLE 5-1:
DVA12XP080 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
RB2
Set S4 to RB2
RB3
Set S3 to RB3
RB4
Set S2 to RB4
RB5
Set S1 to RB5
MCLR
Set S3 to MCLR
External Oscillator Input
Set S1 to OSC1 and
set S2 to OSC2
TIMER0 Clock Input
Set S4 to T0CKI
This device adapter is intended for use with PIC12C67X
8-pin DIP devices. It has two mechanical switches that
allow target pins GP4 and GP5 to be routed to the emulator
silicon on the PCM12XA0 processor module or the
oscillator device on the device adapter, as shown in
Table 5-2.
TABLE 5-2:
DVA12XP081 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
GP4
Set S2 to GP4
GP5
Set S1 to GP5
External Oscillator Input
Set S1 to OSC1 and
set S2 to OSC2


Similar Part No. - ICE2000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICE2000 MICROCHIP-ICE2000 Datasheet
83Kb / 2P
   PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
More results

Similar Description - ICE2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM122ADCW6 ETC1-TM122ADCW6 Datasheet
761Kb / 16P
   DEVICE SPECIFICATION FOR LCD MODULE
logo
Sharp Corporation
LQ084V2DS01 SHARP-LQ084V2DS01 Datasheet
1,023Kb / 16P
   DEVICE SPECIFICATION FOR TFT-LCD Module
LQ9D161 SHARP-LQ9D161 Datasheet
1,018Kb / 20P
   DEVICE SPECIFICATION FOR TFT-LCD module
LQ035Q7DH02F SHARP-LQ035Q7DH02F Datasheet
427Kb / 24P
   DEVICE SPECIFICATION FOR TFT-LCD MODULE
LM057QCTT03 SHARP-LM057QCTT03 Datasheet
1Mb / 25P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM10V335 SHARP-LM10V335 Datasheet
896Kb / 29P
   DEVICE SPECIFICATION for Passive Matrix Color LCD Module
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Silicom Ltd.
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
   Protocol Processor ExpressModule Server Adapter
logo
Sharp Corporation
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com