Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC94MX21DVKN3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC94MX21DVKN3
Description  333 and 350 MHz
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC94MX21DVKN3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC94MX21DVKN3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC94MX21DVKN3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Signal Descriptions
MC94MX21 Technical Data, Rev. 1.4
Freescale Semiconductor
5
The connections of the pins in Table 2 depends solely upon the user application, however there are a few
factory test signals that are not used in a normal application. Following is a list of these signals and how
they are to be terminated for proper operation of the i.MX21 processor:
CLKMODE[1:0]: To ensure proper operation, leave these signals as no connects.
OSC26M_TEST: To ensure proper operation, leave this signal as no connect.
EXT_48M: To ensure proper operation, connect this signal to ground.
EXT_266M: To ensure proper operation, connect this signal to ground.
TEST_WB[2:0]: These signals are also multiplexed with GPIO PORT E as well as alternate
keypad signals. If not utilizing these signals for GPIO functionality or for their other multiplexed
function, then configure as GPIO input with pull up enabled, and leave as a no connect.
TEST_WB[4:3]: To ensure proper operation, leave these signals as no connects.
Table 2. i.MX21 Signal Descriptions
Signal Name
Function/Notes
External Bus/Chip Select (EIM)
A [25:0]
Address bus signals
D [31:0]
Data bus signals
EB0
MSB Byte Strobe—Active low external enable byte signal that controls D [31:24], shared with SDRAM
DQM0.
EB1
Byte Strobe—Active low external enable byte signal that controls D [23:16], shared with SDRAM DQM1.
EB2
Byte Strobe—Active low external enable byte signal that controls D [15:8], shared with SDRAM DQM2
and PCMCIA PC_REG.
EB3
LSB Byte Strobe—Active low external enable byte signal that controls D [7:0], shared with SDRAM
DQM3 and PCMCIA PC_IORD.
OE
Memory Output Enable—Active low output enables external data bus, shared with PCMCIA PC_IOWR.
CS [5:0]
Chip Select—The chip select signals CS [3:2] are multiplexed with CSD [1:0] and are selected by the
Function Multiplexing Control Register (FMCR) in the System Control chapter. By default CSD [1:0] is
selected. DTACK is multiplexed with CS4.
ECB
Active low input signal sent by flash device to the EIM whenever the flash device must terminate an on-
going burst sequence and initiate a new (long first access) burst sequence.
LBA
Active low signal sent by flash device causing the external burst device to latch the starting burst
address.
BCLK
Clock signal sent to external synchronous memories (such as burst flash) during burst mode.
RW
RW signal—Indicates whether external access is a read (high) or write (low) cycle. This signal is also
shared with the PCMCIA PC_WE.
DTACK
DTACK signal—External input data acknowledge signal, multiplexed with CS4.
Bootstrap
BOOT [3:0]
System Boot Mode Select—The operational system boot mode upon system reset is determined by the
settings of these pins. To hardwire these inputs low, terminate with a 1 K
Ω resister to ground. For a logic
high, terminate with a 1 K
Ω resistor to VDDA. Do not change the state of these inputs after power-up.
Boot 3 should always be tied to logic low.


Similar Part No. - MC94MX21DVKN3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC94MX21DVKN3 NXP-MC94MX21DVKN3 Datasheet
1Mb / 98P
   MC94MX21 333 and 350 MHz
Rev. 1.4, 08/2006
More results

Similar Description - MC94MX21DVKN3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC94MX21 NXP-MC94MX21 Datasheet
1Mb / 98P
   MC94MX21 333 and 350 MHz
Rev. 1.4, 08/2006
logo
TriQuint Semiconductor
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
   350 MHz SAW Filter
logo
KR Electronics, Inc.
2874-SMA KR-2874-SMA Datasheet
50Kb / 2P
   350 MHz Center Frequency
3288-SMA KR-3288-SMA Datasheet
98Kb / 3P
   350 MHz Bandpass Filter
logo
Yantel Corporation
DC0410U20-060 YANTEL-DC0410U20-060 Datasheet
303Kb / 4P
   Directional Coupler 350 MHz-470 MHz
logo
Elantec Semiconductor
EL2004 ELANTEC-EL2004 Datasheet
272Kb / 16P
   350 MHz FET Buffer
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399 Datasheet
597Kb / 5P
   350 MHz SAW Filter
logo
KR Electronics, Inc.
3093 KR-3093 Datasheet
105Kb / 3P
   350 MHz Bandpass Filter
logo
TriQuint Semiconductor
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com