Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF51A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMF51A
Description  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF51A Datasheet(HTML) 3 Page - Micro Commercial Components

  SMF51A Datasheet HTML 1Page - Micro Commercial Components SMF51A Datasheet HTML 2Page - Micro Commercial Components SMF51A Datasheet HTML 3Page - Micro Commercial Components SMF51A Datasheet HTML 4Page - Micro Commercial Components SMF51A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.mccsemi.com
ELECTRICAL CHARACTERISTICS @25 C
MCC
PART NUMBER
TEST
CURRENT
IT
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
ID @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MIN
MAX
mADC
V
( A)
V
A
SMF6.0
CA
5.0
6.4
7.0
10
400
9.2
21.7
5.0
CA
6.0
6.67
7.37
10
400
10.3
19.4
6.0
CA
6.5
7.22
7.98
10
250
11.2
17.9
6.5
CA
7.0
7.78
8.6
10
100
12
16.7
7.0
CA
7.5
8.33
9.21
1.0
50
12.9
15.5
7.5
CA
8.0
8.89
9.83
1.0
25
13.6
14.7
8.0
CA
8.5
9.44
10.4
1.0
10
14.4
13.9
8.5CA
9.0
10
11.1
1.0
5.0
15.4
13
9.0
CA
10
11.1
12.3
1.0
2.5
17
11.8
10CA
11
12.2
13.5
1.0
2.5
18.2
11
11CA
12
13.3
14.7
1.0
2.5
19.9
10.1
12CA
13
14.4
15.9
1.0
1.0
21.5
9.3
13CA
14
15.6
17.2
1.0
1.0
23.2
8.6
14CA
15
16.7
18.5
1.0
1.0
24.4
8.2
15CA
16
17.8
19.7
1.0
1.0
26
7.7
16CA
17
18.9
20.9
1.0
1.0
27.6
7.2
17CA
18
20
22.1
1.0
1.0
29.2
6.8
18CA
Breakdown
Voltage
VBR @ IT
(Volt)
Marking
Code
20
22.2
24.5
1.0
1.0
32.4
6.2
20CA
22
24.4
26.9
1.0
1.0
35.5
5.6
22CA
24
26.7
29.5
1.0
1.0
38.9
5.1
24CA
26
28.9
31.9
1.0
1.0
42.1
4.8
26CA
28
31.1
34.4
1.0
1.0
45.4
4.4
28CA
30
33.3
36.8
1.0
1.0
48.4
4.1
30CA
33
36.7
40.6
1.0
1.0
53.3
3.8
33CA
36
40
44.2
1.0
1.0
58.1
3.4
36CA
40
44.4
49.1
1.0
1.0
64.5
3.1
40CA
43
47.8
52.8
1.0
1.0
69.4
2.9
43CA
45
50
55.3
1.0
1.0
72.7
2.8
45CA
48
53.3
58.9
1.0
1.0
77.4
2.6
48CA
51
56.7
62.7
1.0
1.0
82.4
2.4
51CA
54
60
66.3
1.0
1.0
87.1
2.3
54CA
58
64.4
71.2
1.0
1.0
93.6
2.1
58CA
60
66.7
73.7
1.0
1.0
96.8
1.8
60CA
64
71.1
78.6
1.0
1.0
103
1.7
64CA
70
77.8
86
1.0
1.0
113
1.5
70CA
75
83.3
92.1
1.0
1.0
121
1.4
75CA
78
86.7
95.8
1.0
1.0
126
1.4
78CA
85
94.4
104
1.0
1.0
137
1.3
85CA
90
100
111
1.0
1.0
146
1.2
90CA
100
111
123
1.0
1.0
162
1.1
100C
110
122
135
1.0
1.0
177
1.0
110C
120
133
147
1.0
1.0
193
0.9
120C
130
144
159
1.0
1.0
209
0.8
130C
150
167
185
1.0
1.0
243
0.7
150C
160
178
197
1.0
1.0
259
0.7
160C
170
189
209
1.0
1.0
275
0.6
170C
MCC
TM
Micro Commercial Components
3 of 5
SMF5.0
CA
SMF7.5
CA
SMF8.0
CA
SMF7.0
CA
SMF6.5
CA
SMF8.5
CA
SMF9.0
CA
SMF10
CA
SMF15
CA
SMF13
CA
SMF16
CA
SMF14
CA
SMF17
CA
SMF18
CA
SMF12
CA
SMF11
CA
SMF30
CA
SMF26
CA
SMF36
CA
SMF43
CA
SMF24
CA
SMF22
CA
SMF28
CA
SMF20
CA
SMF40
CA
SMF33
CA
SMF45
CA
SMF64
CA
SMF51
CA
SMF48
CA
SMF54
CA
SMF60
CA
SMF58
CA
SMF75
CA
SMF70
CA
SMF78
CA
SMF85
CA
SMF90
CA
SMF100
CA
SMF110
CA
SMF120
CA
SMF130
CA
SMF150
CA
SMF160
CA
SMF170
CA
Bi-Polar
SMF5.0CA THRU SMF170CA
Revision:3
2010/07/02


Similar Part No. - SMF51A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF51A UNSEMI-SMF51A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Diotec Semiconductor
SMF51A DIOTEC-SMF51A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Guangdong Juxing Electr...
SMF51A JUXING-SMF51A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 200W
More results

Similar Description - SMF51A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com