Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 23Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 24Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 25Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 26Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 27Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 28Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 29Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 30Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
27
Signal Descriptions
3
Signal Descriptions
This section discusses the following:
Identifies and defines all device signals in text, tables, and (as appropriate) figures. Signals can be
organized by group, as applicable.
Contains pin-assignment/contact-connection diagrams, if the sequence of information in the data
sheet requires them to be included here.
Table 3 shows the i.MX27/MX27L signal descriptions.
Table 3. i.MX27/MX27L Signal Descriptions
Pad Name
Function/Notes
External Bus/Chip Select (EMI)
A [13:0]
Address bus signals, shared with SDRAM/MDDR, WEIM and PCMCIA, A[10] for
SDRAM/MDDR is not the address but the pre-charge bank select signal.
MA10
Address bus signals for SDRAM/MDDR
A [25:14]
Address bus signals, shared with WEIM and PCMCIA
SDBA[1:0]
SDRAM/MDDR bank address signals
SD[31:0]
Data bus signals for SDRAM, MDDR
SDQS[3:0]
MDDR data sample strobe signals
DQM0–DQM3
SDRAM data mask strobe signals
EB0
Active low external enable byte signal that controls D [15:8], shared with PCMCIA PC_REG.
EB1
Active low external enable byte signal that controls D [7:0], shared with PCMCIA PC_IORD.
OE
Memory Output Enable—Active low output enables external data bus, shared with PCMCIA
PC_IOWR.
CS [5:0]
Chip Select—The chip select signals CS [3:2] are multiplexed with CSD [1:0] and are selected
by the Function Multiplexing Control Register (FMCR) in the System Control chapter. By default
CSD [1:0] is selected. DTACK is multiplexed with CS4.
CS[5:4] are multiplexed with ETMTRACECLK and ETMTRACESYNC; PF22, 21.
ECB
Active low input signal sent by flash device to the EIM whenever the flash device must terminate
an on-going burst sequence and initiate a new (long first access) burst sequence.
LBA
Active low signal sent by flash device causing external burst device to latch the starting burst
address.
BCLK
Clock signal sent to external synchronous memories (such as burst flash) during burst mode.
RW
RW signal—Indicates whether external access is a read (high) or write (low) cycle. This signal
is also shared with the PCMCIA PC_WE.
RAS
SDRAM/MDDR Row Address Select signal
CAS
SDRAM/MDDR Column Address Select signal
SDWE
SDRAM Write Enable signal
SDCKE0
SDRAM Clock Enable 0


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com