Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 25Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 26Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 27Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 28Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 29Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 30Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 31Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 32Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
29
Signal Descriptions
RESET_OUT
Reset_Out—Output from the internal Hreset_b; and the Hreset can be caused by all reset
source: power on reset, system reset (RESET_IN), and watchdog reset.
POR
Power On Reset—Active low Schmitt trigger input signal. The POR signal is normally generated
by an external RC circuit designed to detect a power-up event.
XTAL26M
Oscillator output to external crystal
EXTAL26M
Crystal input (26 MHz), or a 16 MHz to 32 MHz oscillator (or square-wave) input when internal
oscillator circuit is shut down.
CLKMODE[1:0]
These are special factory test signals. To ensure proper operation, do not connect to these
signals.
EXTAL32K
32 kHz crystal input (Note: in the RTC power domain)
XTAL32K
Oscillator output to 32 kHz crystal (Note: in the RTC power domain)
Power_cut
(Note: in the RTC power domain)
Power_on_reset
(Note: in the RTC power domain)
osc32K_bypass
The signal for osc32k input bypass (Note: in the RTC power domain)
Bootstrap
BOOT [3:0]
System Boot Mode Select—The operational system boot mode of the i.MX27/MX27L processor
upon system reset is determined by the settings of these pins. BOOT[1:0] are also used as
handshake signals to PMIC(VSTBY).
JTAG
JTAG_CTRL
JTAG Controller select signal—JTAG_CTRL is sampled during rising edge of TRST. Must be
pulled to logic high for proper JTAG interface to debugger. Pulling JTAG_CRTL low is for internal
test purposes only.
TRST
Test Reset Pin—External active low signal used to asynchronously initialize the JTAG controller.
TDO
Serial Output for test instructions and data. Changes on the falling edge of TCK.
TDI
Serial Input for test instructions and data. Sampled on the rising edge of TCK.
TCK
Test Clock to synchronize test logic and control register access through the JTAG port.
TMS
Test Mode Select to sequence JTAG test controller’s state machine. Sampled on rising edge of
TCK.
RTCK
JTAG Return Clock used to enhance stability of JTAG debug interface devices. This signal is
multiplexed with 1-Wire; thus, utilizing 1-Wire will render RTCK unusable and vice versa; PE16.
Secure Digital Interface (X2)
SD1_CMD
SD Command bidirectional signal—If the system designer does not want to make use of the
internal pull-up, via the Pull-up enable register, a 4. 7K–69 K external pull up resistor must be
added. This signal is multiplexed with CSPI3_MOSI; PE22.
SD1_CLK
SD Output Clock. This signal is multiplexed with CSPI3_SCLK; PE23.
Table 3. i.MX27/MX27L Signal Descriptions (continued)
Pad Name
Function/Notes


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com