Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 52Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 53Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 54Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 55Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 56Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 57Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 58Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 59Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
56
Freescale Semiconductor
Electrical Characteristics
4.3.1
Direct Memory Access Controller (DMAC)
After assertion of External DMA Request the DMA burst will start when the corresponding DMA channel
becomes the current highest priority channel. The External DMA Request should be kept asserted until it
is serviced by the DMAC. One External request will initiate at least one DMA burst.
The output External Grant signal from the DMAC is an active-low signal. This signal will be asserted
during the time when a DMA burst is ongoing for an External DMA Request, when the following
conditions are true:
The DMA channel for which the DMA burst is ongoing has requested source as external DMA
Request (as per RSSR settings).
REN and CEN bit of this channel are set.
External DMA Request is asserted.
Once the grant is asserted the External DMA Request will not be sampled until completion of the DMA
burst. The priority of the external request will become low, for the next consecutive burst, if another DMA
request signal is asserted.
The waveforms are shown for the worst case—that is, smallest burst (1 byte read/write). Minimum and
maximum timings for the External request and External grant signal are present in the data sheet.
Figure 15 shows the minimum time for which the External Grant signal remains asserted if External DMA
request is de-asserted immediately after sensing grant signal active.
Figure 15. Assertion of DMA External Grant Signal
Figure 16 shows the safe maximum time for which External DMA request can be kept asserted, after
sensing grant signal active such that a new burst is not initiated.
Figure 16. Timing Diagram of Safe Maximums for External Request De-Assertion
Ext_DMAReq
Ext_DMAGrant
tmin_assert
Ext_DMAReq
Data read from
External device
Data written to
External device
Ext_DMAGrant
tmax_write
tmax_read
tmax_req_assert
NOTE: Assuming worst case that the data is read/written from/to external device as per the above waveform.


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com