Selected language     English  ▼


I.MX27 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

 6 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
6
Freescale Semiconductor
Functional Description and Application Information
ATA
Advanced
Technology (AT)
Attachment
Connectivity
Peripheral
The ATA block is an AT attachment host interface. It interfaces
with IDE hard disc drives and ATAPI optical disc drives.
2.3.5/11
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripheral
The AUDMUX interconnections allow multiple, simultaneous
audio/voice/data flows between the ports in point-to-point or
point-to-multipoint configurations.
2.3.6/11
CRM
Clock and
Reset Module
Clock and
Reset Control
The CRM generates clock and reset signals used throughout
the i.MX27/MX27L processors and also for external
peripherals.
2.3.7/12
CSI
CMOS Sensor
Interface
Multimedia
Interface
The CSI is a logic interface which enables the i.MX27/MX27L
processors to connect directly to external CMOS sensors and
a CCIR656 video source.
2.3.8/12
CSPI
Configurable
Serial Peripheral
Interface (x3)
Connectivity
Peripheral
The i.MX27/MX27L processors have three CSPI modules.
CSPI is equipped with two data FIFOs and is a master/slave
configurable serial peripheral interface module, allowing the
i.MX27/MX27L processors to interface with both external SPI
master and slave devices.
2.3.9/13
DMAC
Direct Memory
Access
Controller
Standard
System
Resource
The DMAC of the i.MX27/MX27L processors provides 16
channels supporting linear memory, 2D memory, FIFO and
end-of-burst enable FIFO transfers to support a wide variety of
DMA operations.
2.3.10/13
eMMA_lt
eMMA_lt
H/W
Accelerator
Functions
eMMA_lt consists of a PreProcessor and PostProcessor, and
provides video acceleration. The PrP and PP can be used for
generic video pre and post processing such as scaling,
resizing, and color space conversions.
2.3.11/13
EMI
External
Memory
Interface
Memory
Interface (EMI)
The EMI includes
• Multi-Master Memory Interface (M3IF)
• Enhanced SDRAM/MDDR memory controller (ESDRAMC)
• PCMCIA memory controller (PCMCIA)
• NAND Flash Controller (NFC)
• Wireless External Interface Module (WEIM)
ESDRAMC
Enhanced
SDRAM
Controller
External
Memory
Interface
The ESDRAMC provides interface and control for synchronous
DRAM memories for the system.
2.3.12/15
FEC
Fast Ethernet
Controller
Connectivity
Peripheral
The FEC performs the full set of IEEE 802.3/Ethernet
CSMA/CD media access control and channel interface
functions. The FEC supports connection and functionality for
the 10/100 Mbps 802.3 media independent interface (MII). It
requires an external transceiver (PHY) to complete the
interface to the media.
2.3.13/15
GPIO
General
Purpose I/O
Module
Pins
The GPIO provides 32 bits of bidirectional, general purpose
I/O. This peripheral provides dedicated general-purpose pins
that can be configured as either inputs or outputs.
2.3.14/16
GPT
General
Purpose Timer
Timer
Peripheral
The GPT is a multipurpose module used to measure intervals
or generate periodic output.
2.3.15/16
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl