Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

i.MX27L Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # i.MX27L
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

i.MX27L Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button i.MX27L Datasheet HTML 31Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 32Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 33Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 34Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 35Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 36Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 37Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 38Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
35
Signal Descriptions
3.1
Power-Up Sequence
The i.MX27/MX27L processor consists of three major sets for power supply voltage named QVDD (core
logic supply), FUSEVDD (analog supply for FUSEBOX), and NVDD,VDDA (IO supply). The External
Voltage Regulators and power-on devices must provide the applications processor with a specific sequence
of power and resets to ensure proper operation.
It is important that the applications processor power supplies be powered-up in a certain order to avoid
unintentional fuse blown. QVDD should be powered up before FUSEVDD. The recommended order is:
1. QVDD(1.5 V)
2. FUSEVDD (1.8 V), NVDD (1.8/2.775 V), and Analog Supplies (2.775 V). See Table 3 for signal
descriptions.
or
1. Q
VDD (1.5 V), NVDD (1.8/2.775 V), and Analog Supplies (2.775 V). See Table 3 for signal
descriptions.
2. FUSEVDD (1.8 V).
FUSEVDD
For FuseVDD
RTCVDD
For RTC, SCC power supply
RTCVSS
For RTC, SCC GND
Note: Both 1-Wire and Fast Ethernet Controller signals are multiplexed with other signals. As a result these signal names do not
appear in this list. The signals are listed below with the named signal that they are multiplexed.
1-Wire Signals:
The 1-Wire input and output signal is multiplexed with JTAG RTCK pad, PE16.
Fast Ethernet Controller (FEC) Signals on the i.MX27. The ATA module does not exist on the i.MX27L:
FEC_TX_EN: Transmit enable signal, through GPIO multiplexed with ATA_DATA15 pad; PF23
FEC_TX_ER: Transmit Data Error; through GPIO multiplexed with ATA_DATA14 pad; PD16
FEC_COL: Collision signal; through GPIO multiplexed with ATA_DATA13 pad; PD15
FEC_RX_CLK: Receive Clock signal; through GPIO multiplexed with ATA_DATA12 pad; PD14
FEC_RX_DV: Receive data Valid signal; through GPIO multiplexed with ATA_DATA11 pad; PD13
FEC_RXD0: Receive Data0; through GPIO multiplexed with ATA_DATA10 pad; PD12
FEC_TX_CLK: Transmit Clock signal; through GPIO multiplexed with ATA_DATA9 pad; PD11
FEC_CRS: Carrier Sense enable; through GPIO multiplexed with ATA_DATA8 pad; PD10
FEC_MDC: Management Data Clock; through GPIO multiplexed with ATA_DATA7 pad; PD9
FEC_MDIO: Management Data Input/Output, multiplexed with ATA_DATA6 pad; PD8
FEC_RXD3–1: Receive Data; through GPIO multiplexed with ATA_DATA5–3 pad; PD7–5
FEC_RX_ER: Receive Data Error; through GPIO multiplexed with ATA_DATA2 pad; PD4
FEC_TXD3–2: Transmit Data; through GPIO multiplexed with ATA_DATA1–0; pad; PD3–2
FEC_TXD1: Transmit Data; through GPIO multiplexed with SD3_CLK pad; PD1
FEC_TXD0: Transmit Data; through GPIO multiplexed with SD3_CMD pad; PD0
Note: The Rest ATA signals are multiplexed with PCMCIA Pads.
Table 3. i.MX27/MX27L Signal Descriptions (continued)
Pad Name
Function/Notes


Similar Part No. - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com