Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

i.MX27L Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # i.MX27L
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

i.MX27L Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button i.MX27L Datasheet HTML 84Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 85Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 86Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 87Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 88Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 89Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 90Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 91Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
88
Freescale Semiconductor
Electrical Characteristics
NOTE
All the timings for the SSI are given for a non-inverted serial clock polarity
(TSCKP/RSCKP = 0) and a non-inverted frame sync (TFSI/RFSI = 0). If the
polarity of the clock and/or the frame sync have been inverted, all the timing
remains valid by inverting the clock signal STCK/SRCK and/or the frame
sync STFS/SRFS shown in the tables and in the figures.
All timings are on AUDMUX pads when SSI is being used for data transfer.
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
For internal Frame Sync operation using external clock, the FS timing is the
same as that of Tx Data, for example, during the AC97 mode of operation.
4.3.11.3
SSI Transmitter Timing with External Clock
Figure 49 and Figure 50 show the SSI transmitter timing with external clock, and Table 48 lists the timing
parameters.
Figure 49. SSI Transmitter with External Clock Timing Diagram
SS49
Oversampling clock rise time
3
ns
SS50
Oversampling clock low period
6
ns
SS51
Oversampling clock fall time
3
ns
Table 47. SSI Receiver with Internal Clock Timing Parameters (continued)
ID
Parameter
Min
Max
Unit
SS45
SS33
SS24
SS26
SS25
SS23
AD1_TXC
AD1_TXFS (bl)
AD1_TXFS (wl)
AD1_TXD
AD1_RXD
Note: SRXD Input in Synchronous mode only
SS31
SS29
SS27
SS22
SS44
SS39
SS38
SS37
SS46
(Input)
(Input)
(Input)
(Output)
(Input)


Similar Part No. - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com