Selected language     English  ▼


i.MX27L Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part No. i.MX27L
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

 10 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
10
Freescale Semiconductor
Functional Description and Application Information
2.3.2
AHB-Lite IP Interface Module (AIPI)
The AIPI acts as an interface between the ARM Advanced High-performance Bus Lite. (AHB-Lite) and
lower bandwidth peripherals conforming to the IP bus specification Rev 2.0. There are two AIPI modules
in i.MX27/MX27L processors.
The following list summarizes the key features of the AIPI:
All peripheral read transactions require a minimum of two system clocks (R-AHB side) and all
write transactions require a minimum of three system clocks (R-AHB side).
The AIPI supports 8-bit, 16-bit, and 32-bit IP bus peripherals. Byte, half word, and full word reads
and writes are supported.
The AIPI supports multi-cycle accesses by providing 16-bit to 8-bit peripherals operations and
32-bit to both 16-bit and 8-bit peripherals operations.
The AIPI supports 31 external IP bus peripherals each with a 4-Kbyte memory map (a slot).
2.3.3
ARM926EJ-S Interrupt Controller (AITC)
The ARM926EJ-S Interrupt Controller (AITC) is a 32-bit peripheral that collects interrupt requests from
up to 64 sources and provides an interface to the ARM926EJ-S core. The AITC includes software
controlled priority levels for normal interrupts.
The AITC performs the following functions:
Supports up to 64 interrupt sources
Supports fast and normal interrupts
Selects normal or fast interrupt request for any interrupt source
Indicates pending interrupt sources via a register for normal and fast interrupts
Indicates highest priority interrupt number via register. (Can be used as a table index.)
Independently can enable or disable any interrupt source
Provides a mechanism for software to schedule an interrupt
Supports up to 16 software controlled priority levels for normal interrupts and priority masking
Can single-bit disable all normal interrupts and all fast interrupts. (Used in enabling of secure
operations.)
2.3.4
ARM926EJ-S Platform
The ARM926EJ-S (ARM926) is a member of the ARM9 family of general-purpose microprocessors
targeted at multi-tasking applications. The ARM926 supports the 32-bit ARM and 16-bit Thumb
instructions sets. The ARM926 includes features for efficient execution of Java byte codes. A JTAG port
is provided to support the ARM Debug Architecture, along with associated signals to support the ETM9
real-time trace module. The ARM926EJ-S is a Harvard cached architecture including an ARM9EJ-S
integer core, a Memory Management Unit (MMU), separate instruction and data AMBA AHB interfaces,
separate instruction and data caches, and separate instruction and data tightly coupled memory (TCM)
interfaces. The ARM926 co-processor, instruction TCM, and data TCM interfaces will be tied off within
the ARM926 Platform and will not be available for external connection.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl