Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX31LC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCIMX31LC
Description  Multimedia Applications Processors for Industrial and Automotive Products
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31LC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCIMX31LC Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX31LC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
MCIMX31C/MCIMX31LC Technical Data, Rev. 4.3
8
Freescale Semiconductor
Functional Description and Application Information
SCC
Security
Controller
Module
Security
The SCC is a hardware component composed of two blocks—the
Secure RAM module, and the Security Monitor. The Secure RAM
provides a way of securely storing sensitive information.
SDHC
Secured Digital
Host Controller
Connectivity
Peripheral
The SDHC controls the MMC (MultiMediaCard), SD (Secure Digital)
memory, and I/O cards by sending commands to cards and
performing data accesses to and from the cards.
4.3.19/83
SDMA
Smart Direct
Memory Access
System
Control
Peripheral
The SDMA controller maximizes the system’s performance by
relieving the ARM core of the task of bulk data transfer from memory
to memory or between memory and on-chip peripherals.
SIM
Subscriber
Identification
Module
Connectivity
Peripheral
The SIM interfaces to an external Subscriber Identification Card. It is
an asynchronous serial interface adapted for Smart Card
communication for e-commerce applications.
4.3.20/84
SJC
Secure JTAG
Controller
Debug
The SJC provides debug and test control with maximum security and
provides a flexible architecture for future derivatives or future
multi-cores architecture.
4.3.21/88
SSI
Synchronous
Serial Interface
Multimedia
Peripheral
The SSI is a full-duplex, serial port that allows the device to
communicate with a variety of serial devices, such as standard
codecs, Digital Signal Processors (DSPs), microprocessors,
peripherals, and popular industry audio codecs that implement the
inter-IC sound bus standard (I2S) and Intel AC97 standard.
4.3.22/90
UART
Universal
Asynchronous
Receiver/Trans
mitter
Connectivity
Peripheral
The UART provides serial communication capability with external
devices through an RS-232 cable or through use of external circuitry
that converts infrared signals to electrical signals (for reception) or
transforms electrical signals to signals that drive an infrared LED (for
transmission) to provide low speed IrDA compatibility.
USB
Universal Serial
Bus—
2 Host
Controllers and
1 OTG
(On-The-Go)
Connectivity
Peripherals
• USB Host 1 is designed to support transceiverless connection to
the on-board peripherals in Low Speed and Full Speed mode, and
connection to the ULPI (UTMI+ Low-Pin Count) and Legacy Full
Speed transceivers.
• USB Host 2 is designed to support transceiverless connection to
the Cellular Modem Baseband Processor.
• The USB-OTG controller offers HS/FS/LS capabilities in Host
mode and HS/FS in device mode. In Host mode, the controller
supports direct connection of a FS/LS device (without external
hub). In device (bypass) mode, the OTG port functions as gateway
between the Host 1 Port and the OTG transceiver.
4.3.23/98
WDOG
Watchdog Timer
Module
Timer
Peripheral
The WDOG module protects against system failures by providing a
method for the system to recover from unexpected events or
programming errors.
Table 3. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page


Similar Part No. - MCIMX31LC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LCJKN5D FREESCALE-MCIMX31LCJKN5D Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31LCJMN4D FREESCALE-MCIMX31LCJMN4D Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31LC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com