Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E621 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 908E621_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
908E621
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SYSTEM RESETS AND INTERRUPTS
Low Voltage Reset (LVR)
Threshold
Hysteresis
VLVRON
VLVR_HYS
3.8
50
4.2
4.65
300
V
mV
Low Voltage Interrupt (LVI)
Threshold
Hysteresis
VLVION
VLVI_HYS
6.0
0.3
7.5
0.8
V
High Voltage Interrupt (HVI)
Threshold
Hysteresis
VHVION
VHVI_HYS
20
0.5
24
1.5
V
High Temperature Interrupt (HTI)(12)
Threshold TJ
Hysteresis
TION
TIH
125
5.0
150
10.0
°C
High Temperature Reset (HTR)(12)
Threshold TJ
Hysteresis
TRON
TIH
155
5.0
180
10.0
°C
VOLTAGE REGULATOR(13)
Normal Mode Output Voltage(14)
IOUT = 60mA, 7.5V < VSUP < 20V
IOUT = 60mA, VSUP < 7.5V and VSUP > 20V
VDDRUN1
VDDRUN2
4.75
4.75
5.0
5.0
5.25
5.25
V
Normal Mode Total Output Current
IOUTRUN
–120
150
mA
Load Regulation - IOUT = 60mA, VSUP = 9.0V, TJ = 125°CVLR
––
100
mV
STOP Mode Output Voltage(14)
VDDSTOP
4.75
5.0
5.25
V
STOP Mode Total Output Current
IOUTSTOP
150
500
1100
μA
Notes
12.
This parameter is guaranteed by process monitoring but is not production tested.
13.
Specification with external low ESR ceramic capacitor 1.0
μF< C < 4.7μF and 200mΩ≤ ESR ≤ 10Ω. Its not recommended to use
capacitor values above 4.7
μF
14.
When switching from Normal to Stop mode or from Stop mode to Normal mode, the output voltage can vary within the output voltage
specification.
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0V VSUP 16V, -40°C TJ 125°C, unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 908E621_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com