Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX4XXF512HT-80IBG Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC32MX4XXF512HT-80IBG
Description  High-Performance, General Purpose and USB 32-bit Flash Microcontrollers
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX4XXF512HT-80IBG Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC32MX4XXF512HT-80IBG Datasheet HTML 2Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 3Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 4Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 5Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 6Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 7Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 8Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 9Page - Microchip Technology PIC32MX4XXF512HT-80IBG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 208 page
background image
PIC32MX3XX/4XX
DS61143G-page 6
© 2010 Microchip Technology Inc.
Pin Diagrams
64-Pin QFN (General Purpose)
64 63 62 61 60 59 58 57 56 55
22 23 24 25 26 27 28 29 30 31
3
40
39
38
37
36
35
34
33
4
5
7
8
9
10
11
1
2
42
41
6
32
43
54
14
15
16
12
13
17 18 19 20 21
45
44
47
46
48
53 52 51 50 49
PIC32MX320F032H
= Pins are up to 5V tolerant
Note: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.
PMD5/RE5
PMD6/RE6
PMD7/RE7
SCK2/PMA5/CN8/RG6
VDD
AN5/C1IN+/CN7/RB5
AN4/C1IN-/CN6/RB4
AN3/C2IN+/CN5/RB3
AN2/C2IN-/SS1/CN4/RB2
SDI2/PMA4/CN9/RG7
SDO2/PMA3/CN10/RG8
PGEC1/AN1/VREF-/CVREF-/CN3/RB1
PGED1/AN0/VREF+/CVREF+/PMA6/CN2/RB0
SS2/PMA2/CN11/RG9
MCLR
VSS
SOSCI/CN1/RC13
OC1/RD0
IC3/PMCS2/PMA15/INT3/RD10
U1CTS/IC2/INT2/RD9
RTCC/IC1/INT1/RD8
IC4/PMCS1/PMA14/INT4/RD11
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
SCL1/RG2
U1RTS/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
SDA1/RG3
SOSCO/T1CK/CN0/RC14
Vss
PIC32MX320F064H
PIC32MX320F128H
PIC32MX340F128H
PIC32MX340F256H
PIC32MX340F512H


Similar Part No. - PIC32MX4XXF512HT-80IBG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX4XXF512HT-80IMR MICROCHIP-PIC32MX4XXF512HT-80IMR Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
PIC32MX4XXF512HT-80IPT MICROCHIP-PIC32MX4XXF512HT-80IPT Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
More results

Similar Description - PIC32MX4XXF512HT-80IBG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX460F512L-80I MICROCHIP-PIC32MX460F512L-80I Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX320F032H MICROCHIP-PIC32MX320F032H_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
PIC32MX440F512H-80I MICROCHIP-PIC32MX440F512H-80I Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX440F256H-80I MICROCHIP-PIC32MX440F256H-80I Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com