Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM908E626AVEK Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MM908E626AVEK
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E626AVEK Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MM908E626AVEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E626AVEK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
908E626
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SYSTEM RESETS AND INTERRUPTS
High Voltage Reset
Threshold
Hysteresis
VHVRON
VHVRH
27
30
1.5
33
V
Low Voltage Reset
Threshold
Hysteresis
VLVRON
VLVRH
3.6
4.0
100
4.7
V
mV
High Voltage Interrupt
Threshold
Hysteresis
VHVION
VHVIH
17.5
21
1.0
23
V
Low Voltage Interrupt
Threshold
Hysteresis
VLVION
VLVIH
6.5
0.4
8.0
V
High Temperature Reset (11)
Threshold
Hysteresis
TRON
TRH
5.0
170
°C
High Temperature Interrupt (12)
Threshold
Hysteresis
TION
TIH
5.0
160
°C
VOLTAGE REGULATOR
Normal Mode Output Voltage
IOUT = 60mA, 6.0V < VSUP < 18V
VDDRUN
4.75
5.0
5.25
V
Load Regulation
IOUT = 80mA, VSUP = 9.0V
VLR
100
mV
STOP Mode Output Voltage (Maximum Output Current 100
μA)(10)
VDDSTOP
4.45
4.7
5.0
V
Notes
10.
Tested to be VLVRON < VDDSTOP
11.
This parameter is guaranteed by process monitoring but is not production tested.
12.
High Temperature Interrupt (HTI) threshold is linked to High Temperature Reset (HTR) threshold (HTR = HTI + 10
°C).
Table 3. STATIC ELECTRICAL CHARACTERISTICS (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0V VSUP 16V, -40°C TJ 135°C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MM908E626AVEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E626AVEK FREESCALE-MM908E626AVEK Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results

Similar Description - MM908E626AVEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com