Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12DB128 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC9S12DB128
Description  HCS12DB Family Product Proposal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12DB128 Datasheet(HTML) 5 Page - Motorola, Inc

  MC9S12DB128 Datasheet HTML 1Page - Motorola, Inc MC9S12DB128 Datasheet HTML 2Page - Motorola, Inc MC9S12DB128 Datasheet HTML 3Page - Motorola, Inc MC9S12DB128 Datasheet HTML 4Page - Motorola, Inc MC9S12DB128 Datasheet HTML 5Page - Motorola, Inc MC9S12DB128 Datasheet HTML 6Page - Motorola, Inc MC9S12DB128 Datasheet HTML 7Page - Motorola, Inc MC9S12DB128 Datasheet HTML 8Page - Motorola, Inc MC9S12DB128 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HCS12DBFAMILYPP/D
Pin Out Explanations:
MOTOROLA
HCS12DB Family Product Proposal
5
Pin Out Explanations:
A/D is the number of modules/total number of A/D channels.
I/O count:
112 Pin Package:
Port A = 8, B = 8, E = 6 + 2 input only, H = 8, J = 4, K = 7, M = 8,
P = 8, S = 8, T = 8,
PAD = 16 input only.
22 inputs provide Interrupt capability (H =8, P= 8, J = 4, IRQ,
XIRQ)
80 Pin Package:
Port A = 8, B = 8, E = 6 + 2 input only, M = 6, P = 7, S = 6, T =
8, PAD = 8 input only
9 inputs provide Interrupt capability (P= 7, IRQ, XIRQ)
MC9S12DB64 features only one SPI, SPI0
SPI1 pins are shared with PWM3:0 or Port H3:0 routeable under
software control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12DB128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12DB128 MOTOROLA-MC9S12DB128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
logo
Freescale Semiconductor...
MC9S12DB128 FREESCALE-MC9S12DB128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DB128 FREESCALE-MC9S12DB128 Datasheet
1Mb / 140P
   Device User Guide
logo
NXP Semiconductors
MC9S12DB128 NXP-MC9S12DB128 Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Motorola, Inc
MC9S12DB128B MOTOROLA-MC9S12DB128B Datasheet
641Kb / 124P
   MC9S12DT128B
More results

Similar Description - MC9S12DB128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
   Single-Chip FaxEngine Product Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com