Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2442LP18A083 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2442LP18A083
Description  2.4 GHz Low Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2442LP18A083 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2442LP18A083 Datasheet HTML 1Page - Johanson Technology Inc. 2442LP18A083 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.4 GHz Low Pass Filter
P/N 2442LP18A083
Detail Specification: 07/07/05
Page 2 of 2
Typical Electrical Performance (T=25°C)
Insertion/Return Loss
IL
RL
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
))
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
))
))))
)
)
)
)
)
)
)
)
))
)
)
)
)
))))
)
)
)
)
)
)
)
)
)
))
))
))
))
))
))))
))
))))
))
))
)
)
))
))))))
))
))
))))
))
))
))
))
))
))
))))))
))
))
)
))
))
))
))
))
))))
))
))
))))
))
))
))
))
))
))))))
))
))))))
))))
))
))
))))))
))
))
)


Similar Part No. - 2442LP18A083

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
   2.4 GHz Low Pass Filter
More results

Similar Description - 2442LP18A083

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450LP15A050 JOHANSON-2450LP15A050 Datasheet
115Kb / 2P
   2.4 GHz Low Pass Filter
2450LP14A100 JOHANSON-2450LP14A100 Datasheet
68Kb / 2P
   2.4 GHz Low Pass Filter
2400LP18A0200 JOHANSON-2400LP18A0200 Datasheet
211Kb / 2P
   2.4 GHz Low Pass Filter
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
   2.4 GHz Low Pass Filter
2450LP14B100 JOHANSON-2450LP14B100 Datasheet
68Kb / 2P
   2.4 GHz Low Pass Filter
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
   2.4 GHz to 4 GHz, Tunable Low-Pass Filter
logo
STMicroelectronics
MLPF-WB55-02E3 STMICROELECTRONICS-MLPF-WB55-02E3 Datasheet
995Kb / 13P
   2.4 GHz low pass filter matched to STM32WB55Vx
Rev 3 - November 2022
logo
Skyworks Solutions Inc.
SKY33100-360LF SKYWORKS-SKY33100-360LF Datasheet
293Kb / 5P
   BAW Band Pass Filter 2.4 GHz
logo
Johanson Technology Inc...
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
1748LP18A075E JOHANSON-1748LP18A075E Datasheet
121Kb / 2P
   1.75 GHz Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com