Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP40C-AP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 5KP40C-AP
Description  5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5KP40C-AP Datasheet(HTML) 3 Page - Micro Commercial Components

  5KP40C-AP Datasheet HTML 1Page - Micro Commercial Components 5KP40C-AP Datasheet HTML 2Page - Micro Commercial Components 5KP40C-AP Datasheet HTML 3Page - Micro Commercial Components 5KP40C-AP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25
°C
MCC PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @ IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM REVERSE
LEAKAGE @VWM
ID
MAXIMUM
VOLTAGE
TEMPERATURE
VARIATION OF
VBR
UNI-POLAR
BI-POLAR
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
mV /
°C
5KP24
5KP24C
24
26.7
32.6
5
43.0
116
10
30
5KP24A
5KP24CA
24
26.7
29.5
5
38.9
128
10
27
5KP26
5KP26C
26
28.9
35.3
5
46.6
107
10
33
5KP26A
5KP26CA
26
28.9
31.9
5
42.1
119
10
29
5KP28
5KP28C
28
31.1
38.0
5
50.0
99
10
34
5KP28A
5KP28CA
28
31.1
34.4
5
45.4
110
10
30
5KP30
5KP30C
30
33.3
40.7
5
53.5
93
10
38
5KP30A
5KP30CA
30
33.3
36.8
5
48.4
103
10
35
5KP33
5KP33C
33
36.7
44.9
5
59.0
85
10
41
5KP33A
5KP33CA
33
36.7
40.6
5
53.3
94
10
38
5KP36
5KP36C
36
40.0
48.9
5
64.3
78
10
45
5KP36A
5KP36CA
36
40.0
44.2
5
58.1
86
10
40
5KP40
5KP40C
40
44.4
54.3
5
71.4
70
10
50
5KP40A
5KP40CA
40
44.4
49.1
5
64.5
78
10
45
5KP43
5KP43C
43
47.8
58.4
5
76.7
65
10
54
5KP43A
5KP43CA
43
47.8
52.8
5
69.4
72
10
49
5KP45
5KP45C
45
50.0
61.1
5
80.3
62
10
57
5KP45A
5KP45CA
45
50.0
55.3
5
72.7
69
10
51
5KP48
5KP48C
48
53.3
65.1
5
85.5
58
10
62
5KP48A
5KP48CA
48
53.3
58.9
5
77.4
65
10
55
5KP 51
5KP 51C
51
56.7
69.3
5
91.1
55
10
65
5KP51A
5KP51CA
51
56.7
62.7
5
82.4
61
10
60
5KP54
5KP54C
54
60.0
73.3
5
96.3
52
10
70
5KP54A
5KP54CA
54
60.0
66.3
5
87.1
57
10
64
5KP58
5KP58C
58
64.4
78.7
5
103
49
10
77
5KP58A
5KP58CA
58
64.4
71.2
5
93.6
53
10
69
5KP60
5KP60C
60
66.7
81.5
5
107
47
10
79
5KP60A
5KP60CA
60
66.7
73.7
5
96.8
52
10
70
5KP64
5KP64C
64
71.1
86.9
5
114
44
10
85
5KP64A
5KP64CA
64
71.1
78.6
5
103
49
10
75
5KP70
5KP70C
70
77.8
95.1
5
125
40
10
93
5KP70A
5KP70CA
70
77.8
86.0
5
113
44
10
84
5KP75
5KP75C
75
83.3
102
5
134
37
10
100
5KP75A
5KP75CA
75
83.3
92.1
5
121
41
10
90
5KP78
5KP78C
78
86.7
106
5
139
36
10
104
5KP78A
5KP78CA
78
86.7
95.8
5
126
40
10
94
5KP85
5KP85C
85
94.4
115
5
151
33
10
113
5KP85A
5KP85CA
85
94.4
104
5
137
36
10
102
5KP90
5KP90C
90
100
122
5
160
31
10
120
5KP90A
5KP90CA
90
100
111
5
146
34
10
109
5KP100
5KP100C
100
111
136
5
179
28
10
134
5KP100A
5KP100CA
100
111
123
5
162
31
10
122
5KP110
5KP110C
110
122
149
5
196
26
10
147
5KP110A
5KP110CA
110
122
135
5
177
28
10
132
MCC
5KP5.0(C) thru 5KP110(C)A
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: 9
2009/07/12
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - 5KP40C-AP

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
5KP40C DAESAN-5KP40C Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
5KP40C SURGE-5KP40C Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP40C LUGUANG-5KP40C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP40C LUGUANG-5KP40C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
UN Semiconducctor INC
5KP40C UNSEMI-5KP40C Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 5KP40C-AP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST5AK5.0 SSDI-ST5AK5.0 Datasheet
317Kb / 2P
   5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
logo
Micro Commercial Compon...
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com