Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1N4728A
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1N4728A Datasheet(HTML) 2 Page - NXP Semiconductors

  1N4728A Datasheet HTML 1Page - NXP Semiconductors 1N4728A Datasheet HTML 2Page - NXP Semiconductors 1N4728A Datasheet HTML 3Page - NXP Semiconductors 1N4728A Datasheet HTML 4Page - NXP Semiconductors 1N4728A Datasheet HTML 5Page - NXP Semiconductors 1N4728A Datasheet HTML 6Page - NXP Semiconductors 1N4728A Datasheet HTML 7Page - NXP Semiconductors 1N4728A Datasheet HTML 8Page - NXP Semiconductors 1N4728A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1N4728A_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 October 2009
2 of 10
NXP Semiconductors
1N4728A to 1N4749A
Voltage regulator diodes
3.
Ordering information
[1]
The series consists of 22 types with nominal working voltages from 3.3 V to 24 V.
4.
Marking
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
1N4728A to
1N4749A[1]
-
hermetically sealed glass package; axial leaded;
2 leads
SOD66
Table 4.
Marking codes
Type number
Marking code
1N4728A to 1N4749A
The diodes are type branded.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
500
mA
IZ
working current
-
see
Table 8
IZSM
non-repetitive peak reverse
current
-
see
Table 8
Ptot
total power dissipation
Tamb =50 °C
-
1000
mW
Tj
junction temperature
−65
+200
°C
Tstg
storage temperature
−65
+200
°C


Similar Part No. - 1N4728A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
666Kb / 4P
   Zener Diodes
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4728A MICROSEMI-1N4728A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results

Similar Description - 1N4728A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com