Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21348WJFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F21348WJFP
Description  RENESAS MCU
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21348WJFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F21348WJFP Datasheet HTML 4Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 5Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 6Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 7Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 8Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 9Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 10Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 11Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
R8C/34W Group, R8C/34X Group, R8C/34Y Group, R8C/34Z Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0312-0010 Rev.0.10
Page 8 of 67
Apr 09, 2010
Table 1.7
Specifications for R8C/34Z Group (1)
Item
Function
Specification
CPU
Central processing
unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 2.7 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operating mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM, Data
flash
Refer to Table 1.12 Product List for R8C/34Z Group.
Power Supply
Voltage
Detection
Voltage detection
circuit
• Power-on reset
• Voltage detection 3 (detection level of voltage detection 1 selectable)
I/O Ports
Programmable I/O
ports
• Input-only: 1 pin
• CMOS I/O ports: 43, selectable pull-up resistor
Clock
Clock generation
circuits
3 circuits: XIN clock oscillation circuit (with on-chip feedback resistor),
High-speed on-chip oscillator (with frequency adjustment function),
Low-speed on-chip oscillator
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (high-speed clock, high-speed on-chip oscillator,
low-speed on-chip oscillator), wait mode, stop mode
Interrupts
• Interrupt vectors: 69
• External: 9 sources (INT × 5, key input × 4)
• Priority levels: 7 levels
Watchdog Timer
• 14 bits × 1 (with prescaler)
• Reset start selectable
• Low-speed on-chip oscillator for watchdog timer selectable
DTC (Data Transfer Controller)
• 1 channel
• Activation sources: 31
• Transfer modes: 2 (normal mode, repeat mode)
Timer
Timer RA
8 bits (with 8-bit prescaler) × 1
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB
8 bits (with 8-bit prescaler) × 1
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait one-
shot generation mode
Timer RC
16 bits (with 4 capture/compare registers) × 1
Timer mode (input capture function, output compare function), PWM mode
(output 3 pins), PWM2 mode (PWM output pin)
Timer RD
16 bits (with 4 capture/compare registers) × 2
Timer mode (input capture function, output compare function), PWM mode
(output 6 pins), reset synchronous PWM mode (output three-phase
waveforms (6 pins), sawtooth wave modulation), complementary PWM mode
(output three-phase waveforms (6 pins), triangular wave modulation), PWM3
mode (PWM output 2 pins with fixed period)
Timer RE
8 bits × 1
Output compare mode


Similar Part No. - R5F21348WJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21348KDFP RENESAS-R5F21348KDFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KDXXXFP RENESAS-R5F21348KDXXXFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNXXXFP RENESAS-R5F21348KNXXXFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F21348WJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com