Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21348WJFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F21348WJFP
Description  RENESAS MCU
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21348WJFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F21348WJFP Datasheet HTML 1Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 2Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 3Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 4Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 5Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 6Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 7Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 8Page - Renesas Technology Corp R5F21348WJFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
REJ03B0312-0010 Rev.0.10
Page 1 of 67
Apr 09, 2010
R8C/34W Group, R8C/34X Group, R8C/34Y Group, R8C/34Z Group
RENESAS MCU
Preliminary DATASHEET
Specifications in this document are tentative and subject to change.
1.
Overview
1.1
Features
The R8C/34W Group, R8C/34X Group, R8C/34Y Group, and R8C/34Z Group of single-chip MCUs incorporate
the R8C CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address
space, and it is capable of executing instructions at high speed. In addition, the CPU core boasts a multiplier for
high-speed operation processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs are
designed to maximize EMI/EMS performance.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
The R8C/34W Group and R8C/34X Group have a single channel CAN module and are suitable for LAN systems in
vehicles and for FA.
The R8C/34Y Group and R8C/34Z Group do not have CAN modules.
The R8C/34W Group and R8C/34Y Group have data flash (1 KB × 4 blocks) with the background operation
(BGO) function.
1.1.1
Applications
Automobiles and others
REJ03B0312-0010
Rev.0.10
Apr 09, 2010


Similar Part No. - R5F21348WJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21348KDFP RENESAS-R5F21348KDFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KDXXXFP RENESAS-R5F21348KDXXXFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNXXXFP RENESAS-R5F21348KNXXXFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F21348WJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com