Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ28C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBJ28C
Description  Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ28C Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBJ28C Datasheet HTML 1Page - Micro Commercial Components SMBJ28C Datasheet HTML 2Page - Micro Commercial Components SMBJ28C Datasheet HTML 3Page - Micro Commercial Components SMBJ28C Datasheet HTML 4Page - Micro Commercial Components SMBJ28C Datasheet HTML 5Page - Micro Commercial Components SMBJ28C Datasheet HTML 6Page - Micro Commercial Components SMBJ28C Datasheet HTML 7Page - Micro Commercial Components SMBJ28C Datasheet HTML 8Page - Micro Commercial Components SMBJ28C Datasheet HTML 9Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
100
10
1.0
0.1
0.1 us
1.0 us
10 us
100 us
1.0ms
10ms
MOUNTEDON5.0mm2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWNINFIGURE 3
TA = 25
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE,
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value-Ipp
2
10/1000usec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10usec
t, TIME , ms
Fig. 3-PULSE WAVEFORM
6,000
4,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
1.0
2.0
10
20
100
200
MEASURED AT
STAND-OFF
VOLTAGE(VMW)
TJ = 25
f= 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
200
100
50
0
12
46
8 10
20
60 80 100
TJ = TJ max
8.3ms SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
SMBJ5.0 THRU SMBJ440CA
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 9
Revision: 8
2009/07/12


Similar Part No. - SMBJ28C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ28C BYTES-SMBJ28C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ28C SOCAY-SMBJ28C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ28C EIC-SMBJ28C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ28C SOCAY-SMBJ28C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ28C MCC-SMBJ28C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ28C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ28A-TP MCC-SMBJ28A-TP Datasheet
352Kb / 10P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com