Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ33C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMBJ33C
Description  Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ33C Datasheet(HTML) 1 Page - Micro Commercial Components

  SMBJ33C Datasheet HTML 1Page - Micro Commercial Components SMBJ33C Datasheet HTML 2Page - Micro Commercial Components SMBJ33C Datasheet HTML 3Page - Micro Commercial Components SMBJ33C Datasheet HTML 4Page - Micro Commercial Components SMBJ33C Datasheet HTML 5Page - Micro Commercial Components SMBJ33C Datasheet HTML 6Page - Micro Commercial Components SMBJ33C Datasheet HTML 7Page - Micro Commercial Components SMBJ33C Datasheet HTML 8Page - Micro Commercial Components SMBJ33C Datasheet HTML 9Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
For surface mount applicationsin or der to optimize
board space
Fast response time: typical less than 1.0ps from 0 volts to
VBR minimum
Low inductance
Mechanical Data
CASE: Molded Palstic. UL94V-0 UL Flammability Rating.
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes posit ive end (cathode)
except Bidirectional
Maximum soldering temperature: 260
oC for 10 seconds
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us waveform
IPP
See Table 1 Note:
2
Peak Pulse Power
Dissipation
PPP
600W
Note:
2,
3
Peak Forward Surge
Current
IFSM)
100A
Note:
3
Operation And Storage
Temperature Range
TJ, TSTG
-55
oC to
+150
oC
Thermal Resistance
R
25
oC/W
NOTES:
2. Non-repetitive current pulse, per Fig.3 and derated above
TA=25
oC per Fig.2.
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute
maximum.
SMBJ5.0
THRU
SMBJ440CA
Transient
Voltage Suppressor
5.0 to 440 Volts
600 Watt
5. Peak pulse current waveform is 10/1000us, with maximum duty
Cycle of 0.01%.
4,5
DO-214AA
(SMB) (LEAD FRAME)
0.050”
0.106"
0.082”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.083
.096
2.13
2.44
B
.075
.083
1.91
2.11
C
.002
.008
0.051
0.203
D
.006-
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
.200
.220
5.08
5.59
G
.160
.185
4.06
4.70
H
.130
.155
3.30
3.94
G
H
E
D
F
A
B
C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
UL Recognized File # E331408
TM
Micro Commercial Components
www.mccsemi.com
1 of 9
Revision:
8
200
9/07/12
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.


Similar Part No. - SMBJ33C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ33C BYTES-SMBJ33C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ33C SEMITECH-SMBJ33C Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ33C UNSEMI-SMBJ33C Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
EIC discrete Semiconduc...
SMBJ33C EIC-SMBJ33C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ33C SOCAY-SMBJ33C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ33C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ28A-TP MCC-SMBJ28A-TP Datasheet
352Kb / 10P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com