Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4021PT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS4021PT
Description  20 V, 3.5 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4021PT Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS4021PT Datasheet HTML 1Page - NXP Semiconductors PBSS4021PT Datasheet HTML 2Page - NXP Semiconductors PBSS4021PT Datasheet HTML 3Page - NXP Semiconductors PBSS4021PT Datasheet HTML 4Page - NXP Semiconductors PBSS4021PT Datasheet HTML 5Page - NXP Semiconductors PBSS4021PT Datasheet HTML 6Page - NXP Semiconductors PBSS4021PT Datasheet HTML 7Page - NXP Semiconductors PBSS4021PT Datasheet HTML 8Page - NXP Semiconductors PBSS4021PT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT23 (TO-236AB)
small Surface-Mounted Device (SMD) plastic package.
NPN complement: PBSS4021NT.
1.2 Features
Very low collector-emitter saturation voltage VCEsat
High collector current capability IC and ICM
High collector current gain (hFE) at high IC
High energy efficiency due to less heat generation
AEC-Q101 qualified
Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
1.3 Applications
Loadswitch
Battery-driven devices
Power management
Charging circuits
Power switches (e.g. motors, fans)
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
PBSS4021PT
20 V, 3.5 A PNP low VCEsat (BISS) transistor
Rev. 01 — 29 January 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−20
V
IC
collector current
-
-
−3.5
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--
−8A
RCEsat
collector-emitter
saturation resistance
IC = −4A;
IB = −400 mA
[1] -55
82.5
m
Ω


Similar Part No. - PBSS4021PT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021PT NEXPERIA-PBSS4021PT Datasheet
298Kb / 15P
   20 V, 3.5 A PNP low VCEsat (BISS) transistor
Rev. 01 - 29 January 2010
More results

Similar Description - PBSS4021PT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021PT NEXPERIA-PBSS4021PT Datasheet
298Kb / 15P
   20 V, 3.5 A PNP low VCEsat (BISS) transistor
Rev. 01 - 29 January 2010
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
   20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com