Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE33A-AP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1.5KE33A-AP
Description  1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1.5KE33A-AP Datasheet(HTML) 1 Page - Micro Commercial Components

  1.5KE33A-AP Datasheet HTML 1Page - Micro Commercial Components 1.5KE33A-AP Datasheet HTML 2Page - Micro Commercial Components 1.5KE33A-AP Datasheet HTML 3Page - Micro Commercial Components 1.5KE33A-AP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

 
  
 


















Features
& 
' ( )*+ +)+ ,
-#+"../ ' ( 
012, 3 
&%   4 ( 5
6,27 
Maximum Ratings
2, 3 001
+53 0189:!0
/ /  
*+ ;<+=)+ ;0<+
> 4+48 ,"00:0
$+,474 ?+0
APPLICATION
88@ 2 ,  4.0.
> + 4+,5(+>
>+' 4' (+4.
, , ,  ,
,'++, A, 

$+/ 4/ B  2
'A, 0' %,+  5 
$)+ 5 '4/.' +,+
83 24,+,( +$("+  
,(


























 
















 

!
 

"

"

 

1.5KE6.8
THRU
1.5KE440CA
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - 1.5KE33A-AP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1.5KE33A-B DIODES-1.5KE33A-B Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Littelfuse
1.5KE33A-B LITTELFUSE-1.5KE33A-B Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Comchip Technology
1.5KE33A-G COMCHIP-1.5KE33A-G Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
1.5KE33A-G COMCHIP-1.5KE33A-G Datasheet
112Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE33A-HF COMCHIP-1.5KE33A-HF Datasheet
103Kb / 5P
   1500W Transient Voltage Suppressor
More results

Similar Description - 1.5KE33A-AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Solid States Devices, I...
ST1.5KA7.5 SSDI-ST1.5KA7.5 Datasheet
463Kb / 2P
   1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS
logo
Littelfuse
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com