Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4032PT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS4032PT
Description  30 V, 2.4 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4032PT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS4032PT Datasheet HTML 5Page - NXP Semiconductors PBSS4032PT Datasheet HTML 6Page - NXP Semiconductors PBSS4032PT Datasheet HTML 7Page - NXP Semiconductors PBSS4032PT Datasheet HTML 8Page - NXP Semiconductors PBSS4032PT Datasheet HTML 9Page - NXP Semiconductors PBSS4032PT Datasheet HTML 10Page - NXP Semiconductors PBSS4032PT Datasheet HTML 11Page - NXP Semiconductors PBSS4032PT Datasheet HTML 12Page - NXP Semiconductors PBSS4032PT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PBSS4032PT_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 18 December 2009
9 of 14
NXP Semiconductors
PBSS4032PT
30 V, 2.4 A PNP low VCEsat (BISS) transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 13. BISS transistor switching time definition
Fig 14. Test circuit for switching times
006aaa266
−IBon (100 %)
−IB
input pulse
(idealized waveform)
−IBoff
90 %
10 %
−IC (100 %)
−IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS4032PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032PT PHILIPS-PBSS4032PT Datasheet
181Kb / 14P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor Rev. 01 ??18 December 2009
Rev. 01-18 December 2009
logo
Nexperia B.V. All right...
PBSS4032PT NEXPERIA-PBSS4032PT Datasheet
294Kb / 15P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor
Rev. 01 - 18 December 2009
logo
NXP Semiconductors
PBSS4032PT-215 PHILIPS-PBSS4032PT-215 Datasheet
181Kb / 14P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor Rev. 01 ??18 December 2009
Rev. 01-18 December 2009
PBSS4032PT PHILIPS-PBSS4032PT_15 Datasheet
181Kb / 14P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor
Rev. 01-18 December 2009
More results

Similar Description - PBSS4032PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032PT PHILIPS-PBSS4032PT_15 Datasheet
181Kb / 14P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor
Rev. 01-18 December 2009
logo
Nexperia B.V. All right...
PBSS4032PT NEXPERIA-PBSS4032PT Datasheet
294Kb / 15P
   30 V, 2.4 A PNP low VCEsat (BISS) transistor
Rev. 01 - 18 December 2009
logo
NXP Semiconductors
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
PBSS303PX NXP-PBSS303PX Datasheet
197Kb / 15P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
   30 V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4032PX PHILIPS-PBSS4032PX_15 Datasheet
197Kb / 15P
   30 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 01-1 April 2010
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com