Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51958A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RNA51958A
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RNA51958A Datasheet HTML 5Page - Renesas Technology Corp RNA51958A Datasheet HTML 6Page - Renesas Technology Corp RNA51958A Datasheet HTML 7Page - Renesas Technology Corp RNA51958A Datasheet HTML 8Page - Renesas Technology Corp RNA51958A Datasheet HTML 9Page - Renesas Technology Corp RNA51958A Datasheet HTML 10Page - Renesas Technology Corp RNA51958A Datasheet HTML 11Page - Renesas Technology Corp RNA51958A Datasheet HTML 12Page - Renesas Technology Corp RNA51958A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RNA51958A, B
Preliminary
REJ03D0915-0302 Rev.3.02
Page 9 of 13
Apr 01, 2010
Notice for use
About the Power Supply Line
1. About bypass capacitor
Because the ripple and the spike of the high frequency noise and the low frequency are superimposed to the power
supply line, it is necessary to remove these.
Therefore, please install C1 and C2 for the low frequency and for the high frequency between the power supply line
and the GND line as shown in following figure 5.
Power-supply
Output
R1
VCC
R2
Vin
RNA51958
Input
GND
C2
C1
+
Delay capacitor
Cd
Example of ripple
noise measures
Figure 5 Example of Ripple Noise Measures
2. The sequence of voltage impression
Please do not impress the voltages to the input terminals earlier than the power supply terminal. Moreover, please
do not open the power supply terminal with the voltage impressed to the input terminal.
(The setting of the bias of an internal circuit collapses, and a parasitic element might operate.)
About the Input Terminal
1. Setting range of input voltage
The following voltage is recommended to be input to the input terminal (pin 2).
about 0.8 (V) < Vin < VCC – 0.3 (V) ... at VCC  7 V
about 0.8 (V) < Vin < 6.7 (V) ............. at VCC > 7 V
2. About using input terminal
Please do an enough verification to the transition characteristic etc. of the power supply when using independent
power supply to input terminal (pin 2).
Power-supply
Output
Vin
RNA51958
Input
GND
VCC
Delay capacitor
Cd
Vin is decided to the VCC subordinating,
and operates in the range
about 0.8 (V) < Vin < VCC – 0.3 (V).
Figure 6 Recommended Example


Similar Part No. - RNA51958A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51958A RENESAS-RNA51958A Datasheet
158Kb / 12P
   Voltage Detecting, System Resetting IC Series
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
158Kb / 12P
   Voltage Detecting, System Resetting IC Series
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51958APT0 RENESAS-RNA51958APT0 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51958A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com