Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136AZJFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F2136AZJFP
Description  RENESAS MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136AZJFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F2136AZJFP Datasheet HTML 7Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 8Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 9Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 10Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 11Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 12Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136AZJFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
R8C/36W Group, R8C/36X Group, R8C/36Y Group, R8C/36Z Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0315-0010 Rev.0.10
Page 11 of 68
May 17, 2010
(D): Under development
Figure 1.2
Part Number, Memory Size, and Package of R8C/36X Group
Table 1.10
Product List for R8C/36X Group
Current of May 2010
Part No.
ROM Capacity
RAM Capacity
Package Type
Remarks
Program ROM
R5F21368XJFP (D)
64 Kbytes
6 Kbytes
PLQP0064KB-A
J version
R5F2136AXJFP (D)
96 Kbytes
8 Kbytes
PLQP0064KB-A
R5F2136CXJFP (D)
128 Kbytes
10 Kbytes
PLQP0064KB-A
R5F21368XKFP (D)
64 Kbytes
6 Kbytes
PLQP0064KB-A
K version
R5F2136AXKFP (D)
96 Kbytes
8 Kbytes
PLQP0064KB-A
R5F2136CXKFP (D)
128 Kbytes
10 Kbytes
PLQP0064KB-A
Part No.
R 5 F 21 36 8 X J FP
Package type:
FP: PLQP0048KB-A (0.65 mm pin-pitch, 10 mm square body)
CAN, Data Flash
W: CAN module and Data Flash
X : CAN module but no Data Flash
Y : Data Flash but no CAN module
Z : None
Classification
J: Operating ambient temperature -40
°C to 85 °C
K: Operating ambient temperature -40
°C to 125 °C
ROM capacity
8: 64 KB
A: 96 KB
C: 128 KB
R8C/36X Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F2136AZJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2136AANFA RENESAS-R5F2136AANFA Datasheet
489Kb / 57P
   RENESAS MCU
R5F2136AANFP RENESAS-R5F2136AANFP Datasheet
489Kb / 57P
   RENESAS MCU
R5F2136ACDFA RENESAS-R5F2136ACDFA Datasheet
564Kb / 59P
   RENESAS MCU
R5F2136ACDFA RENESAS-R5F2136ACDFA Datasheet
593Kb / 62P
   RENESAS MCU
R5F2136ACDFB(D) RENESAS-R5F2136ACDFB(D) Datasheet
593Kb / 62P
   RENESAS MCU
More results

Similar Description - R5F2136AZJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com