Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51958BFPH0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RNA51958BFPH0
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958BFPH0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RNA51958BFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 10Page - Renesas Technology Corp RNA51958BFPH0 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RNA51958A, B
Preliminary
REJ03D0915-0302 Rev.3.02
Page 7 of 13
Apr 01, 2010
Example of Application Circuit
Reset Circuit of RNA51958
RL
VCC
R1
R2
RNA51958x
RESET
Logic circuit
Input
GND
GND
Delay capacitor
Cd
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of RNA51958
Notes: 1. When the detecting supply voltage is 4.25 V, RNA51953 are used. In this case, R1 and R2 are not necessary.
When the voltage is anything except 4.25 V, RNA51957 and RNA51958 are used. In this case, the detecting
supply voltage is 1.25
 (R
1 +R2)/R2 (V) approximately.
The detecting supply voltage can be set between 2 V and 15 V.
2. If a longer delay time is necessary, RNA51953, RNA51957, RNA51958 are used. In this case, the delay
time is about 0.34
 Cd (pF) s.
3. If the RNA51958 and the logic circuit share a common power source, type A (built-in load type) can be used
whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, RNA51953 and RNA51957 are used and
when the terminal is of the high reset type, RNA51958 are used.
6. When a negative supply voltage is used, the supply voltage side of RNA51958 and the GND side are
connected to negative supply voltage respectively.
Case of Using Reset Signal except Supply Voltage in the RNA51958
(a) Reset at ON
(b) Reset at transistor ON
Input
RL
VCC
RESET
Logic circuit
Input
GND
Delay capacitor
GND
Cd
R1
R2
RL
VCC
RESET
Logic circuit
GND
Delay capacitor
GND
Cd
R1
R2
Out
put
Out
put
RNA51958x
RNA51958x
Control
signal
Power-
supply
Power-
supply
Power-
supply
Power-
supply
Figure 2 Case of Using Reset Signal except Supply Voltage in the RNA51958


Similar Part No. - RNA51958BFPH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51958BFPH0 RENESAS-RNA51958BFPH0 Datasheet
158Kb / 12P
   Voltage Detecting, System Resetting IC Series
RNA51958BFPH0 RENESAS-RNA51958BFPH0 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51958BFPH0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com