Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2244WP-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT2244WP-EL-E
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2244WP-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT2244WP-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2244WP-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HAT2244WP
Preliminary
REJ03G1549-0410 Rev.4.10
Page 6 of 7
May 13, 2010
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50
Ω
Vin
15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
EAR =
L
I
AP
2
2
1
V
V
- V
DSS
DSS
DD
Avalanche Test Circuit
Avalanche Waveform
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 30 V
DS
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform
Rg


Similar Part No. - HAT2244WP-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2244WP-EL-E RENESAS-HAT2244WP-EL-E Datasheet
122Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2244WP-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com