Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1759FBD80 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1759FBD80
Description  LPC17xx User manual
Download  835 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759FBD80 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1759FBD80 Datasheet HTML 3Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 4Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 5Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 6Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 7Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 8Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 9Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 10Page - NXP Semiconductors LPC1759FBD80 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 835 page
background image
UM10360_1
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 4 January 2010
7 of 835
NXP Semiconductors
UM10360
Chapter 1: LPC17xx Introductory information
4.
Ordering information
4.1 Part options summary
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1769FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1768FBD100
LPC1767FBD100
LPC1766FBD100
LPC1765FBD100
LPC1764FBD100
LPC1759FBD80
LQFP80
plastic low profile quad flat package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1758FBD80
LPC1756FBD80
LPC1754FBD80
LPC1752FBD80
LPC1751FBD80
Table 2.
Ordering options for LPC17xx parts
Type number
Max. CPU
speed
Flash
Total
SRAM
Ethernet
USB
CAN
I2S
DAC
Package
LPC1769FBD100
120 MHz
512 kB
64 kB
yes
Device/Host/OTG
2
yes
yes
100 pin
LPC1768FBD100
100 MHz
512 kB
64 kB
yes
Device/Host/OTG
2
yes
yes
100 pin
LPC1767FBD100
100 MHz
512 kB
64 kB
yes
no
no
yes
yes
100 pin
LPC1766FBD100
100 MHz
256 kB
64 kB
yes
Device/Host/OTG
2
yes
yes
100 pin
LPC1765FBD100
100 MHz
256 kB
64 kB
no
Device/Host/OTG
2
yes
yes
100 pin
LPC1764FBD100
100 MHz
128 kB
32 kB
yes
Device
2
no
no
100 pin
LPC1759FBD80
120 MHz
512 kB
64 kB
no
Device/Host/OTG
2
yes
yes
80 pin
LPC1758FBD80
100 MHz
512 kB
64 kB
yes
Device/Host/OTG
2
yes
yes
80 pin
LPC1756FBD80
100 MHz
256 kB
32 kB
no
Device/Host/OTG
2
yes
yes
80 pin
LPC1754FBD80
100 MHz
128 kB
32 kB
no
Device/Host/OTG
1
no
yes
80 pin
LPC1752FBD80
100 MHz
64 kB
16 kB
no
Device
1
no
no
80 pin
LPC1751FBD80
100 MHz
32 kB
8 kB
no
Device
1
no
no
80 pin


Similar Part No. - LPC1759FBD80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1759FBD80 NXP-LPC1759FBD80 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759FBD80 NXP-LPC1759FBD80 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
More results

Similar Description - LPC1759FBD80

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
   E1106 User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com