Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE18-AP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # P6KE18-AP
Description  600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P6KE18-AP Datasheet(HTML) 1 Page - Micro Commercial Components

  P6KE18-AP Datasheet HTML 1Page - Micro Commercial Components P6KE18-AP Datasheet HTML 2Page - Micro Commercial Components P6KE18-AP Datasheet HTML 3Page - Micro Commercial Components P6KE18-AP Datasheet HTML 4Page - Micro Commercial Components P6KE18-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KE6.8
THRU
P6KE540
(C)A
600WATTS TRANSIENT
VOLTAGE SUPPRESSOR
6.8 TO 540 VOLTS
DO-15
A
B
C
D
D
Cathode
Mark
for unidirectional only
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.028
.034
.70
.90
D
1.000
---
25.40
---
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
CASE:
POLARITY: Banded denotes cathode. Bidirectional not marked.
WEIGHT: 0.4 Gram(Appx.).
MOUNTING POSITION: Any.
Peak Pulse Power Dissipation at 25
oC: 600Watts
Steady State Power Dissipatoin:5 Watts at TL=75
3/8” Lead Length
tclamping (0 Volts to BV Min.):
Unidirectional<1x10
-12 Seconds; Bidirectoinal<5x10-9 Seconds.
Operating and Storage Temperature: -55
oC to +175oC
APPLICATION
600 watts peak pulse power dissipation
and 5.8~459V VWM
Maximum Ratings
UL Recognized File # E222849
TM
Micro Commercial Components
.
oC
Molded Plastic.UL FlammabilityClassification Rating 94V-0
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
www.mccsemi.com
1 of 5
Revision:
8
200
9/10/26
Features
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity: Level 1 per J-STD-020C
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Economical series
Available in both unidirectional and bidirectionalconstruction
and suffix"C" designates bidirectional type


Similar Part No. - P6KE18-AP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P6KE18-G COMCHIP-P6KE18-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE18-G COMCHIP-P6KE18-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE18-LF SIRECT-P6KE18-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE18-AP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com