Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5515LP15A730 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5515LP15A730
Description  5.5 GHz Low Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5515LP15A730 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5515LP15A730 Datasheet HTML 1Page - Johanson Technology Inc. 5515LP15A730 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.5 GHz Low Pass Filter
P/N 5515LP15A730
Detail Specification: 12/21/2009
Page 2 of 2
Typical Electrical Performance (T=25°C)
Insertion/Return Loss
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2009 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
))
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
))
))))
)
)
)
)
)
)
)
)
))
)
)
)
)
))))
)
)
)
)
)
)
)
)
)
))
))
))
))
))
))))
))
))))
))
))
)
)
))
))))))
))
))
))))
))
))
))
))
))
))
))))))
))
))
)
))


Similar Part No. - 5515LP15A730

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
5515 MALLORY-5515 Datasheet
409Kb / 1P
   Ford Modular Coil-on-Plug
logo
List of Unclassifed Man...
5515 ETC-5515 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Bourns Electronic Solut...
5515-RC BOURNS-5515-RC Datasheet
469Kb / 1P
   High Current Chokes
logo
Knowles Electronics
55153 KNOWLES-55153 Datasheet
857Kb / 2P
   OUTLINE DRAWING FOR JZxxx SERIES
12/4/2014
logo
Pomona Electronics
5515A POMONA-5515A Datasheet
102Kb / 2P
   PLCC Test Adapters Kit
More results

Similar Description - 5515LP15A730

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725 JOHANSON-5515BP15C725 Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725 JOHANSON-5515BP15B725 Datasheet
87Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15B675 JOHANSON-5487BP15B675 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15C675 JOHANSON-5487BP15C675 Datasheet
106Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730 JOHANSON-5515BP15B730 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975 JOHANSON-5515BP15B975 Datasheet
897Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15B675E JOHANSON-5487BP15B675E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730E JOHANSON-5515BP15B730E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975E JOHANSON-5515BP15B975E Datasheet
163Kb / 2P
   5.5 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com