Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3220EPF-1-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3220EPF-1-PBF
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220EPF-1-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3220EPF-1-PBF Datasheet HTML 4Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 5Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 6Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 7Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 8Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 9Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 10Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 11Page - Linear Technology LTC3220EPF-1-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3220/LTC3220-1
8
32201fc
OPERATION
Power Management
The LTC3220/LTC3220-1 use a switched capacitor charge
pump to boost CPO as much as 2 times the input voltage
up to 5.1V. The part starts up in 1x mode. In this mode,
VIN is connected directly to CPO. This mode provides
maximum efficiency and minimum noise. The LTC3220/
LTC3220-1 will remain in 1x mode until an LED current
source drops out. Dropout occurs when a current source
voltage becomes too low for the programmed current
to be supplied. When dropout is detected, the LTC3220/
LTC3220-1 will switch into 1.5x mode. The CPO voltage
will then start to increase and will attempt to reach 1.5
×
VIN up to 4.6V. Any subsequent dropout will cause the
part to enter the 2x mode. The CPO voltage will attempt
to reach 2
× VIN up to 5.1V.
A 2-phase non-overlapping clock activates the charge
pump switches. In the 2x mode the flying capacitors are
charged on alternate clock phases from VIN to minimize
CPO voltage ripple. In 1.5x mode the flying capacitors are
charged in series during the first clock phase and stacked
in parallel on VIN during the second phase. This sequence
of charging and discharging the flying capacitors continues
at a constant frequency of 850kHz.
The current delivered by each LED current source is con-
trolled by an associated DAC. Each DAC is programmed
via the I2C port.
+
ROL
CPO
3220 F01
1.5VIN OR
2VIN
+
Figure 1. Charge Pump Open-Loop Thevenin Equivalent Circuit
Soft-Start
Initially, when the part is in shutdown, a weak switch
connects VIN to CPO. This allows VIN to slowly charge the
CPO output capacitor and prevent large charging currents
from occurring.
The LTC3220/LTC3220-1 also employ a soft-start feature
on the charge pump to prevent excessive inrush current
and supply droop when switching into the step-up modes.
The current available to the CPO pin is increased linearly
over a typical period of 125μs. Soft-start occurs at the
start of both 1.5x and 2x mode changes.
Charge Pump Strength
When the LTC3220/LTC3220-1 operate in either 1.5x mode
or 2x mode, the charge pump can be modeled as a Theve-
nin-equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL (Figure 1).
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the non-overlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VIN – CPO for 1.5x mode and 2VIN – CPO for 2x mode.
Consider the example of driving LEDs from a 3.1V supply.


Similar Part No. - LTC3220EPF-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220EPF-1-PBF LINER-LTC3220EPF-1-PBF Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220EPF-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com