Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR514R Datasheet(PDF) 3 Page - Rohm

Part # 2SAR514R
Description  Midium Power Transistors (-80V / -0.7A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR514R Datasheet(HTML) 3 Page - Rohm

  2SAR514R Datasheet HTML 1Page - Rohm 2SAR514R Datasheet HTML 2Page - Rohm 2SAR514R Datasheet HTML 3Page - Rohm 2SAR514R Datasheet HTML 4Page - Rohm 2SAR514R Datasheet HTML 5Page - Rohm 2SAR514R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SAR514R
 
Electrical characteristic curves (Ta = 25C)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-2.0
-1.5
-1.0
-0.5
0.0
COLECTOR TO EMITTER VOLTAGE:V
CE[V]
Fig.1 Typical Output Characteristics
-3.0mA
-2.0mA
-1.5mA
-1.0mA
-0.5mA
-4.0mA
-5.0mA
10
100
1000
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Fig.2 DC Current Gain vs. Collector Current(Ⅰ)
Ta=25℃
V
CE=-5V
-3V
1000
Fig.3 DC Current Gain vs. Collector Current(Ⅱ)
V
CE=-3V
-1
Fig.4 Collector-Emitter Saturation Voltage
vs. Collector Current(Ⅰ)
Ta=25℃
10
100
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Ta=125℃
75℃
25℃
-40℃
-0.01
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
I
C/IB=50
20
10
-0.01
-0.1
-1
-1
-10
-100
-1000
COLLECTOR CURRENT : I
C[mA]
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current(Ⅱ)
I
C/IB=20
Ta=125℃
75℃
25℃
-40℃
-1
-10
-100
-1000
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
BASE TO EMITTER VOLTAGE : V
BE[V]
Fig.6 Ground Emitter Propagation Characteristics
V
CE=-3V
Ta=125℃
75℃
25℃
-40℃
3/5
2010.06 - Rev.A


Similar Part No. - 2SAR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR514R ROHM-2SAR514R Datasheet
1Mb / 8P
   PNP -0.7A -80V Middle Power Transistor
2SAR514RHZG ROHM-2SAR514RHZG Datasheet
1Mb / 9P
   PNP -0.7A -80V Middle Power Transistor
20190325 - Rev.001
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
   PNP -0.7A -80V Middle Power Transistor
More results

Similar Description - 2SAR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SAR514P ROHM-2SAR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-80V / -0.7A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
   Midium Power Transistors (80V / 1.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (80V / 700mA)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
   Midium Power Transistors (80V / 2.5A)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com