Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308F Datasheet(PDF) 1 Page - Rohm

Part # BA3308F
Description  Preamps with Built-in ALC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 1 Page - Rohm

  BA3308F Datasheet HTML 1Page - Rohm BA3308F Datasheet HTML 2Page - Rohm BA3308F Datasheet HTML 3Page - Rohm BA3308F Datasheet HTML 4Page - Rohm BA3308F Datasheet HTML 5Page - Rohm BA3308F Datasheet HTML 6Page - Rohm BA3308F Datasheet HTML 7Page - Rohm BA3308F Datasheet HTML 8Page - Rohm BA3308F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Audio Accessory ICs
Preamps with Built-in ALC
BA3308F,BA3308FV
●Description
The BA3308F/FV is a dual preamplifier for recording and playback with ALC (auto level control), developed for stereo radio,
cassette recorders, tape recorders, and other pre amplifiers audio applications.
ALC circuit has a build in rectification circuit with wide adjustable dynamic range, high gain, low distortion amplifiers with
direct coupling and mute circuit, used to cut off pop noise during power on.
Available in SOP14, or SSOP-B14 Packages.
●Features
1)
Built-in ALC rectification diode
2)
Wide operating power supply voltage range (VCC=4.5~14 V)
3)
Low current consumption (IQ=3.5mA)
4)
High gain (GVO=80dB)
5)
Low distortion (THD=0.1%)
6)
Low noise (VNIN=1
μVrms)
7)
Input coupling capacitor not needed
8)
Good ALC channel balance
9)
Built-in power supply mute circuit
10)
Dynamic range of ALC can be changed by attaching input resistance.
●Applications
Stereo radio, cassette tape recorders, stereo cassette decks, home stereos, music centers, etc.
●Line up matrix
Part No.
BA3308F
BA3308FV
Package
SOP14
SSOP-B14
No.10087EAT01


Similar Part No. - BA3308F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
172Kb / 8P
   Dual preamplifier with ALC
BA3308F ROHM-BA3308F Datasheet
121Kb / 3P
   Monolithic IGs
BA3308F ROHM-BA3308F Datasheet
262Kb / 6P
   Pre-amplifier bulit-in ALC
BA3308F ROHM-BA3308F Datasheet
421Kb / 10P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F Datasheet
583Kb / 13P
   Preamps with Built-in ALC
More results

Similar Description - BA3308F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
583Kb / 13P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com