Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F97J60 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F97J60
Description  64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F97J60 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F97J60 Datasheet HTML 1Page - Microchip Technology PIC18F97J60 Datasheet HTML 2Page - Microchip Technology PIC18F97J60 Datasheet HTML 3Page - Microchip Technology PIC18F97J60 Datasheet HTML 4Page - Microchip Technology PIC18F97J60 Datasheet HTML 5Page - Microchip Technology PIC18F97J60 Datasheet HTML 6Page - Microchip Technology PIC18F97J60 Datasheet HTML 7Page - Microchip Technology PIC18F97J60 Datasheet HTML 8Page - Microchip Technology PIC18F97J60 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 480 page
background image
© 2009 Microchip Technology Inc.
DS39762E-page 3
PIC18F97J60 FAMILY
Ethernet Features:
• IEEE 802.3™ Compatible Ethernet Controller
• Fully Compatible with 10/100/1000Base-T Networks
• Integrated MAC and 10Base-T PHY
• 8-Kbyte Transmit/Receive Packet Buffer SRAM
• Supports One 10Base-T Port
• Programmable Automatic Retransmit on Collision
• Programmable Padding and CRC Generation
• Programmable Automatic Rejection of Erroneous
Packets
• Activity Outputs for 2 LED Indicators
•Buffer:
- Configurable transmit/receive buffer size
- Hardware-managed circular receive FIFO
- Byte-wide random and sequential access
- Internal DMA for fast memory copying
- Hardware assisted checksum calculation for
various protocols
•MAC:
- Support for Unicast, Multicast and Broadcast
packets
- Programmable Pattern Match of up to 64 bytes
within packet at user-defined offset
- Programmable wake-up on multiple packet
formats
•PHY:
- Wave shaping output filter
Flexible Oscillator Structure:
• Selectable System Clock derived from Single
25 MHz External Source:
- 2.778 to 41.667 MHz
• Internal 31 kHz Oscillator
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if oscillator stops
• Two-Speed Oscillator Start-up
External Memory Bus
(100-pin devices only):
• Address Capability of up to 2 Mbytes
• 8-Bit or 16-Bit Interface
• 12-Bit, 16-Bit and 20-Bit Addressing modes
Peripheral Highlights:
• High-Current Sink/Source: 25 mA/25 mA on PORTB
and PORTC
• Five Timer modules (Timer0 to Timer4)
• Four External Interrupt pins
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced Capture/Compare/PWM (ECCP)
modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
• Up to Two Master Synchronous Serial Port (MSSP)
modules supporting SPI (all 4 modes) and I2C™
Master and Slave modes
• Up to Two Enhanced USART modules:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-wake-up on Start bit
- Auto-Baud Detect (ABD)
• 10-Bit, Up to 16-Channel Analog-to-Digital Converter
module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Parallel Slave Port (PSP) module
(100-pin devices only)
Special Microcontroller Features:
• 5.5V Tolerant Inputs (digital-only pins)
• Low-Power, High-Speed CMOS Flash Technology:
- Self-reprogrammable under software control
• C compiler Optimized Architecture for Reentrant Code
• Power Management Features:
- Run: CPU on, peripherals on
- Idle: CPU off, peripherals on
- Sleep: CPU off, peripherals off
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 134s
• Single-Supply 3.3V In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) with 3 Breakpoints via
Two Pins
• Operating Voltage Range of 2.35V to 3.6V (3.1V to
3.6V using Ethernet module)
• On-Chip 2.5V Regulator
64/80/100-Pin High-Performance,
1-Mbit Flash Microcontrollers with Ethernet


Similar Part No. - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F97J60-ICE MICROCHIP-PIC18F97J60-ICE Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F97J60T MICROCHIP-PIC18F97J60T Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
More results

Similar Description - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com