Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5984FP Datasheet(PDF) 1 Page - Rohm

Part # BA5984FP
Description  Power Driver For CD Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5984FP Datasheet(HTML) 1 Page - Rohm

  BA5984FP Datasheet HTML 1Page - Rohm BA5984FP Datasheet HTML 2Page - Rohm BA5984FP Datasheet HTML 3Page - Rohm BA5984FP Datasheet HTML 4Page - Rohm BA5984FP Datasheet HTML 5Page - Rohm BA5984FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product Name
:
Power Driver For CD Players
Device Name
:
BA5984FP
Features
:
• 5-ch driver comprising of 4 channels for BTL drivers and 1 channel for reversible
drivers
• Use of the HSOP-28PIN power package allows downsizing of the set.
• A built-in thermal shutdown circuit installed.
• A wide dynamic range (VCC=8V, 6.0V (Typ.) when RL=8Ω)
<BTL Driver>
• A general op-amp connected to the input terminal allows a differential input and
the addition of signals.
<Loading Driver>
• A built-in brake function installed
• A built-in diode for protecting against over-voltage caused by a counter
electromotive force
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
Vcc
13.5
V
Power Dissipation
Pd
1.7
*1
W
Operating Temperature
Range
Topr
-40 to 85
°C
Storage Temperature
Range
Tstg
-55 to 150
°C
*1 When mounted on the glass/epoxy board with the size: 70 mm
×70 mm, the thickness: 1.6 mm, and
the rate of copper foil occupancy area: 3% or less.
Over Ta=25
°C, derating at the rate of 13.6mV/°C.
RECOMMENDED OPERATING CONDITIONS (To determine a power supply voltage, the power
dissipation must be taken into consideration.)
VCC
4.3 to 13.2V
This product has not been checked for the strategic materials (or service) defined in the Foreign
Exchange and Foreign Trade Control Low of Japan so that a verification work is required before
exporting it.
Not designed for radiation resistance.


Similar Part No. - BA5984FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5984FP ROHM-BA5984FP Datasheet
454Kb / 7P
   Power Driver For CD Players
BA5984FP ROHM-BA5984FP Datasheet
1Mb / 13P
   Silicon Monolithic Interegrated Circuit
BA5984FP ROHM-BA5984FP_11 Datasheet
1Mb / 13P
   Silicon Monolithic Interegrated Circuit
More results

Similar Description - BA5984FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_2 Datasheet
86Kb / 6P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_2 Datasheet
84Kb / 6P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_1 Datasheet
288Kb / 7P
   Power Driver For CD Players
BA5968FP ROHM-BA5968FP Datasheet
337Kb / 7P
   Power Driver For CD Players
BA5984FP ROHM-BA5984FP Datasheet
454Kb / 7P
   Power Driver For CD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com