Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F8393 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F8393
Description  64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8393 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F8393 Datasheet HTML 5Page - Microchip Technology PIC18F8393 Datasheet HTML 6Page - Microchip Technology PIC18F8393 Datasheet HTML 7Page - Microchip Technology PIC18F8393 Datasheet HTML 8Page - Microchip Technology PIC18F8393 Datasheet HTML 9Page - Microchip Technology PIC18F8393 Datasheet HTML 10Page - Microchip Technology PIC18F8393 Datasheet HTML 11Page - Microchip Technology PIC18F8393 Datasheet HTML 12Page - Microchip Technology PIC18F8393 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
© 2009 Microchip Technology Inc.
DS39896B-page 9
PIC18F6393/6493/8393/8493
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
This family offers the advantages of all PIC18
microcontrollers
namely,
high
computational
performance at an economical price. In addition to
these features, the PIC18F6393/6493/8393/8493
family
introduces
design
enhancements
that
make these microcontrollers a logical choice for many
high-performance, power-sensitive applications.
1.1
Special Features
• 12-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reduces code overhead.
1.2
Details on Individual Family
Members
Devices in the PIC18F6393/6493/8393/8493 family are
available
in
64-pin
(PIC18F6X93)
and
80-pin
(PIC18F8X93) packages. Block diagrams for the two
groups are shown in Figure 1-1 and Figure 1-2,
respectively.
The devices are differentiated from each other in the
following ways:
• I/O Ports:
- 64-pin devices – 7 bidirectional ports
- 80-pin devices – 9 bidirectional ports
• LCD Pixels:
- 64-pin devices – 128 (32 SEGs x 4 COMs)
pixels can be driven
- 80-pin devices – 192 (48 SEGs x 4 COMs)
pixels can be driven
• Flash Program Memory:
- PIC18FX393 devices – 8 Kbytes
- PIC18FX493 devices – 16 Kbytes
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F6393/6493/8393/8493 family are available as
both standard and low-voltage devices. Standard
devices with Flash memory, designated with an “F” in
the part number (such as PIC18F6393), accommodate
an operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF6490),
function over an extended VDD range of 2.0V to 5.5V.
• PIC18F6393
• PIC18F8393
• PIC18F6493
• PIC18F8493
Note: This data sheet documents only the devices’
features and specifications that are in addition
to the features and specifications of the
PIC18F6390/6490/8390/8490 devices. For
information
on
the
features
and
specifications shared by the PIC18F6393/
6493/8393/8493
and
PIC18F6390/6490/
8390/8490 devices, see the “PIC18F6390/
6490/8390/8490 Data Sheet” (DS39629).


Similar Part No. - PIC18F8393

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8393 MICROCHIP-PIC18F8393 Datasheet
1Mb / 58P
   64/80-Pin High Performance,
2007
More results

Similar Description - PIC18F8393

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F87J93 MICROCHIP-PIC18F87J93 Datasheet
821Kb / 54P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
2009
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com