Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK5030DPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK5030DPD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5030DPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK5030DPD Datasheet HTML 1Page - Renesas Technology Corp RJK5030DPD Datasheet HTML 2Page - Renesas Technology Corp RJK5030DPD Datasheet HTML 3Page - Renesas Technology Corp RJK5030DPD Datasheet HTML 4Page - Renesas Technology Corp RJK5030DPD Datasheet HTML 5Page - Renesas Technology Corp RJK5030DPD Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RJK5030DPD
Preliminary
REJ03G1913-0100 Rev.1.00
Page 4 of 5
Apr 12, 2010
0
50200
150
100
250
1000
100
800
0
16
600
12
400
8
200
4
48
12
16
20
0
10
1
VGS = 0
f = 1 MHz Tc = 25
°C
Ciss
Coss
Crss
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.8
1.21.6
2.0
20
8
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
5
4
3
2
1
-25
0
50
100
150
25
125
75
0
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
VDS = 10 V
1 mA
0.1 mA
4
12
16
ID = 5 A
Ta = 25
°C
VDS
VGS
VDD = 100 V
200 V
400 V
VDD = 400 V
200 V
100 V
VGS = 0
Ta = 25
°C
Pulse Test
ID = 10 mA
0.01
1
100
0.1
10
10 m100 m1
10
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
Tc = 25
°C
Single pulse
100
μ
10
μ
1 m


Similar Part No. - RJK5030DPD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RJK5030DPD DOINGTER-RJK5030DPD Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK5030DPD RENESAS-RJK5030DPD_15 Datasheet
74Kb / 6P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK5030DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com