Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SS22
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SS22 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SS22 Datasheet HTML 1Page - Zowie Technology Corporation SS22 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SS22 THRU SS26
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
10
20
30
40
50
1
10
100
FIG.4 - TYPICAL REVERSE CURRENT
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
o
C
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
50 60
0
1.0
1.5
0.5
2.0
Resistive or
Inductive Load
SS22~SS24
SS25~SS26
P.C.B. Mounted
0.2 x 0.2" (5.0 x 5.0mm)
Copper pad areas
70
80
90 100 110 120 130 140
160
150
SS22~SS24
SS25~SS26
SS22~SS24
SS25~SS26
SS22~SS24
SS25~SS26
0.01
0.10
1.00
10.00
50.00
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TJ=25
oC
TJ=150
oC
TJ=125
oC
Pulse width=300us
1% Duty Cycle
0.1
1
10
100
10
100
500
0.001
0.01
0.1
1.0
10
100
0
20
40
60
80
100
TJ=25
oC
TJ=75
oC
TJ=125
oC


Similar Part No. - SS22

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
   2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS22 JUXING-SS22 Datasheet
2Mb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SS22 MCC-SS22 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
TAITRON Components Inco...
SS22 TAITRON-SS22 Datasheet
187Kb / 5P
   2.0A Surface Mount Schottky Rectifier
logo
Shanghai Yint Electroni...
SS22 YINT-SS22 Datasheet
420Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com