Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2480 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F2480
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
Download  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2480 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F2480 Datasheet HTML 6Page - Microchip Technology PIC18F2480 Datasheet HTML 7Page - Microchip Technology PIC18F2480 Datasheet HTML 8Page - Microchip Technology PIC18F2480 Datasheet HTML 9Page - Microchip Technology PIC18F2480 Datasheet HTML 10Page - Microchip Technology PIC18F2480 Datasheet HTML 11Page - Microchip Technology PIC18F2480 Datasheet HTML 12Page - Microchip Technology PIC18F2480 Datasheet HTML 13Page - Microchip Technology PIC18F2480 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 10
© 2009 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Enhanced Flash cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles – up to 100,000 for program memory and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 40 years.
• Self-Programmability: These devices can write
to their own program memory spaces under inter-
nal software control. By using a bootloader routine
located in the protected Boot Block at the top of
program memory, it becomes possible to create
an application that can update itself in the field.
• Extended Instruction Set: The
PIC18F2480/2580/4480/4580 family introduces
an optional extension to the PIC18 instruction set,
which adds 8 new instructions and an Indexed
Addressing mode. This extension, enabled as a
device configuration option, has been specifically
designed to optimize re-entrant application code
originally developed in high-level languages, such
as C.
• Enhanced CCP Module: In PWM mode, this
module provides 1, 2 or 4 modulated outputs for
controlling half-bridge and full-bridge drivers.
Other features include auto-shutdown, for
disabling PWM outputs on interrupt or other select
conditions and auto-restart, to reactivate outputs
once the condition has cleared.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the
LIN/J2602 bus protocol. Other enhancements
include automatic baud rate detection and a 16-bit
Baud Rate Generator for improved resolution.
When the microcontroller is using the internal
oscillator block, the EUSART provides stable
operation for applications that talk to the outside
world without using an external crystal (or its
accompanying power requirement).
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reduce code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing a time-out range from 4 ms to over
131 seconds, that is stable across operating
voltage and temperature.
1.3
Details on Individual Family
Members
Devices in the PIC18F2480/2580/4480/4580 family are
available in 28-pin (PIC18F2X80) and 40/44-pin
(PIC18F4X80) packages. Block diagrams for the two
groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in six
ways:
1.
Flash
program
memory
(16 Kbytes
for
PIC18FX480
devices;
32 Kbytes
for
PIC18FX580 devices).
2.
A/D channels (8 for PIC18F2X80 devices; 11 for
PIC18F4X80 devices).
3.
I/O ports (3 bidirectional ports and 1 input only
port on PIC18F2X80 devices; 5 bidirectional
ports on PIC18F4X80 devices).
4.
CCP and Enhanced CCP implementation
(PIC18F2X80 devices have 1 standard CCP
module;
PIC18F4X80
devices
have
one
standard CCP module and one ECCP module).
5.
Parallel
Slave
Port
(present
only
on
PIC18F4X80 devices).
6.
PIC18F4X80 devices provide two comparators.
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F2480/2580/4480/4580 family are available as
both standard and low-voltage devices. Standard
devices with Enhanced Flash memory, designated with
an “F” in the part number (such as PIC18F2580),
accommodate an operating VDD range of 4.2V to 5.5V.
Low-voltage parts, designated by “LF” (such as
PIC18LF2580), function over an extended VDD range
of 2.0V to 5.5V.


Similar Part No. - PIC18F2480

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2480 MICROCHIP-PIC18F2480 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2480 MICROCHIP-PIC18F2480 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F24800T MICROCHIP-PIC18F24800T Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F24800TE/ML MICROCHIP-PIC18F24800TE/ML Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F24800TE/MLQTP MICROCHIP-PIC18F24800TE/MLQTP Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
More results

Similar Description - PIC18F2480

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2585-I MICROCHIP-PIC18F2585-I Datasheet
8Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4685-E MICROCHIP-PIC18F4685-E Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2480 MICROCHIP-PIC18F2480_07 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4680-E MICROCHIP-PIC18F4680-E Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2682 MICROCHIP-PIC18F2682 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4580 MICROCHIP-PIC18F4580 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com