Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11LC160T-IMNY Datasheet(PDF) 11 Page - Microchip Technology

Part # 11LC160T-IMNY
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC160T-IMNY Datasheet(HTML) 11 Page - Microchip Technology

Back Button 11LC160T-IMNY Datasheet HTML 7Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 8Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 9Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 10Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 11Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 12Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 13Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 14Page - Microchip Technology 11LC160T-IMNY Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 11
11AAXXX/11LCXXX
4.2
Current Address Read (CRRD)
Instruction
The internal address counter featured on the 11XX
maintains the address of the last memory array loca-
tion accessed. The
CRRD instruction allows the mas-
ter to read data back beginning from this current
location. Consequently, no word address is provided
upon issuing this command.
Note that, except for the initial word address, the
READ and CRRD instructions are identical, including
the ability to continue requesting data through the use
of MAKs in order to sequentially read from the array.
As with the
READ instruction, the CRRD instruction is
terminated by transmitting a NoMAK.
Table 4-2 lists the events upon which the internal
address counter is modified.
TABLE 4-2:
INTERNAL ADDRESS
COUNTER
FIGURE 4-2:
CRRD COMMAND SEQUENCE
Command
Event
Action
Power-on Reset Counter is undefined
READ or
WRITE
MAK edge fol-
lowing each
Address byte
Counter is updated
with newly received
value
READ,
WRITE, or
CRRD
MAK/NoMAK
edge following
each data byte
Counter is incre-
mented by 1
Note: If, following each data byte in a
READ,
WRITE, or CRRD instruction, neither a
MAK nor a NoMAK edge is received
(i.e., if a standby pulse occurs instead),
the internal address counter will not be
incremented.
Note: During a Write command, once the last
data byte for a page has been loaded,
the internal Address Pointer will rollover
to the beginning of the selected page.
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
10
0
0
0
0
01
Standby Pulse
SCIO
Note 1: For the 11XXXX1, this bit must be a ‘1’.


Similar Part No. - 11LC160T-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11LC160T-I/MNY MICROCHIP-11LC160T-I/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC160T-I/MS MICROCHIP-11LC160T-I/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC160T-I/P MICROCHIP-11LC160T-I/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC160T-I/SN MICROCHIP-11LC160T-I/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC160T-I/TT MICROCHIP-11LC160T-I/TT Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11LC160T-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com