Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03E7DPA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK03E7DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03E7DPA Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK03E7DPA Datasheet HTML 1Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 2Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 3Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 4Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 5Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 6Page - Renesas Technology Corp RJK03E7DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK03E7DPA
Preliminary
REJ03G1931-0210 Rev.2.10
Page 5 of 6
May 20, 2010
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
Vin
15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
Vin Monitor
D.U.T.
Vin
8 V
RL
VDS
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Rg
3
1
0.3
0.1
0.03
0.01
1 m
10 m
100 m
1
10
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
10
μ
100
μ
DM
P
PW
T
D =
PW
T
θch − c(t) = γs (t) • θch − c
θch − c = 2.78°C/W, Tc = 25°C
50
Ω


Similar Part No. - RJK03E7DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E7DPA RENESAS-RJK03E7DPA Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA-00-J5A RENESAS-RJK03E7DPA-00-J5A Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03E7DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com