Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC30F3013 Datasheet(PDF) 4 Page - Microchip Technology

Part # dsPIC30F3013
Description  High-Performance, 16-bit Digital Signal Controllers
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F3013 Datasheet(HTML) 4 Page - Microchip Technology

  dsPIC30F3013 Datasheet HTML 1Page - Microchip Technology dsPIC30F3013 Datasheet HTML 2Page - Microchip Technology dsPIC30F3013 Datasheet HTML 3Page - Microchip Technology dsPIC30F3013 Datasheet HTML 4Page - Microchip Technology dsPIC30F3013 Datasheet HTML 5Page - Microchip Technology dsPIC30F3013 Datasheet HTML 6Page - Microchip Technology dsPIC30F3013 Datasheet HTML 7Page - Microchip Technology dsPIC30F3013 Datasheet HTML 8Page - Microchip Technology dsPIC30F3013 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 4
© 2008 Microchip Technology Inc.
dsPIC30F2011/2012/3012/3013 Sensor Family
Device
Pins
Program Memory
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
A/D 12-bit
200 Ksps
Bytes
Instructions
dsPIC30F2011
18
12K
4K
1024
3
2
2
8 ch
1
1
1
dsPIC30F3012
18
24K
8K
2048
1024
3
2
2
8 ch
1
1
1
dsPIC30F2012
28
12K
4K
1024
3
2
2
10 ch
1
1
1
dsPIC30F3013
28
24K
8K
2048
1024
3
2
2
10 ch
2
1
1


Similar Part No. - dsPIC30F3013

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F3013 MICROCHIP-DSPIC30F3013 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F3013 MICROCHIP-DSPIC30F3013 Datasheet
3Mb / 205P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F3013-20I-ML MICROCHIP-DSPIC30F3013-20I-ML Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F3013-30I MICROCHIP-DSPIC30F3013-30I Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F3013A-20E/ML MICROCHIP-DSPIC30F3013A-20E/ML Datasheet
3Mb / 205P
   High-Performance, 16-Bit Digital Signal Controllers
2006
More results

Similar Description - dsPIC30F3013

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com