Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3812F Datasheet(PDF) 3 Page - Rohm

Part # BD3812F
Description  2ch Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3812F Datasheet(HTML) 3 Page - Rohm

  BD3812F_1 Datasheet HTML 1Page - Rohm BD3812F_1 Datasheet HTML 2Page - Rohm BD3812F_1 Datasheet HTML 3Page - Rohm BD3812F_1 Datasheet HTML 4Page - Rohm BD3812F_1 Datasheet HTML 5Page - Rohm BD3812F_1 Datasheet HTML 6Page - Rohm BD3812F_1 Datasheet HTML 7Page - Rohm BD3812F_1 Datasheet HTML 8Page - Rohm BD3812F_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3812F
Timing chart
1) Signal timing conditions
Data is read on the rising edge of the clock.
Latch is read on the falling edge of the clock.
Latch signal must terminate with the LOW state.
* To avoid malfunctions, clock and data signals must terminate with the LOW state.
Fig.1
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Minimum clock width
twc
2.0
µs
Minimum data width
twd
2.0
µs
Minimum latch width
twl
2.0
µs
LOW hold width
twh
2.0
µs
Data setup time
(DATA→CLK)
tsd
1.0
µs
Data hold time(CLK→DATA)
thd
1.0
µs
Latch setup time(CLK→LATCH)
tsl
1.0
µs
Latch hold time(DATA→LATCH)
thl
1.0
µs
Latch low setup time
ts
1.0
µs
Latch low hold time
th
1.0
µs
2) Voltage conditions for control signal
Parameter
Condition
Limits
Unit
Min.
Typ.
Max.(≦Vcc)
“H”input voltage
Vcc=5~7.3V
VEE=-5~-7.3V
2.2
5.5
V
“L” input voltage
0
1.0
V
CL
(CLOCK)
DA
DATA
LATCH
thd
thd
th
ts
tsl
thl
tsd
twc
twh
twd
twl
DATA
DATA
LATCH
90%
90%
90%
90%
10%
10%
10%
90%
90%
90%
90%
90%
10%
10%
10%
twc
Terminate
with Low.


Similar Part No. - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3812F ROHM-BD3812F Datasheet
125Kb / 3P
   2 channel Volume IC
More results

Similar Description - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
logo
Renesas Technology Corp
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com